Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA635N Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA635N
Description  Wideband, Single Supply OPERATIONAL AMPLIFIERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA635N Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA635N Datasheet HTML 1Page - Burr-Brown (TI) OPA635N Datasheet HTML 2Page - Burr-Brown (TI) OPA635N Datasheet HTML 3Page - Burr-Brown (TI) OPA635N Datasheet HTML 4Page - Burr-Brown (TI) OPA635N Datasheet HTML 5Page - Burr-Brown (TI) OPA635N Datasheet HTML 6Page - Burr-Brown (TI) OPA635N Datasheet HTML 7Page - Burr-Brown (TI) OPA635N Datasheet HTML 8Page - Burr-Brown (TI) OPA635N Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Wideband, Single Supply
OPERATIONAL AMPLIFIERS
®
OPA634
OPA635
© 1999 Burr-Brown Corporation
PDS-1465A
Printed in U.S.A. June, 1999
FEATURES
q HIGH BANDWIDTH: 150MHz (G = +2)
q +3V AND +5V OPERATION
q ZERO POWER DISABLE (OPA635)
q INPUT RANGE INCLUDES GROUND
q 4.8V OUTPUT SWING ON +5V SUPPLY
q HIGH OUTPUT CURRENT: 80mA
q HIGH SLEW RATE: 250V/
µs
q LOW INPUT VOLTAGE NOISE: 5.6nV/
√HZ
q AVAILABLE IN SOT23 PACKAGES
DESCRIPTION
The OPA634 and OPA635 are low power, voltage-
feedback, high-speed amplifiers designed to operate on
+3V or +5V single-supply voltages. Operation on
±5V
or +10V supplies is also supported. The input range
extends below ground and to within 1.2V of the positive
supply. Using complementary common-emitter outputs
provides an output swing to within 30mV of ground and
140mV of positive supply. The high output drive cur-
rent, low differential gain and phase errors make them
ideal for single-supply composite video line driving.
Low distortion operation is ensured by the high gain
bandwidth (140MHz) and slew rate (250V/
µs). This
makes the OPA634 and OPA635 ideal input buffer
stages to 3V and 5V CMOS converters. Unlike other low
power, single-supply operational amplifiers, distortion
performance improves as the signal swing is decreased.
APPLICATIONS
q SINGLE SUPPLY ADC INPUT BUFFER
q SINGLE SUPPLY VIDEO LINE DRIVER
q WIRELESS LAN IF AMPLIFIER
q CCD IMAGING CHANNELS
q LOW POWER ULTRASOUND
TM
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
A low 5.6nV input voltage noise supports wide dynamic
range operation. Multiplexing or system power reduc-
tion can be achieved using the high-speed disable line
with the OPA635. Power dissipation can be reduced to
zero by taking the disable line High.
The OPA634 and OPA635 are available in an industry
standard SO-8 package. The OPA634 is also available in
an ultra-small SOT23-5 package, while the OPA635 is
available in the SOT23-6. Where lower supply current
and speed are required, consider the OPA631 and
OPA632.
OPA635
V
IN
750
562
2.26k
374
22pF
+3V
100
Pwrdn
DIS
Disable
+3V
ADS900
10-Bit
20Msps
OPA634
For most current data sheet and other product
information, visit www.burr-brown.com
SINGLES
DUALS
Medium Speed, No Disable
OPA631
OPA2631
With Disable
OPA632
High Speed, No Disable
OPA634
OPA2634
With Disable
OPA635
RELATED PRODUCTS


Similar Part No. - OPA635N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA635N TI1-OPA635N Datasheet
300Kb / 18P
[Old version datasheet]   Wideband, Single-Supply OPERATIONAL AMPLIFIERS
OPA635N/250 TI1-OPA635N/250 Datasheet
300Kb / 18P
[Old version datasheet]   Wideband, Single-Supply OPERATIONAL AMPLIFIERS
OPA635N/3K TI1-OPA635N/3K Datasheet
300Kb / 18P
[Old version datasheet]   Wideband, Single-Supply OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA635N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA634 TI1-OPA634 Datasheet
300Kb / 18P
[Old version datasheet]   Wideband, Single-Supply OPERATIONAL AMPLIFIERS
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
logo
Advanced Monolithic Sys...
AMS386 AMS-AMS386 Datasheet
202Kb / 2P
   Single Supply Operational Amplifiers
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA244 TI1-OPA244 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com