Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA640P Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA640P
Description  Wideband Voltage Feedback OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA640P Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA640P Datasheet HTML 1Page - Burr-Brown (TI) OPA640P Datasheet HTML 2Page - Burr-Brown (TI) OPA640P Datasheet HTML 3Page - Burr-Brown (TI) OPA640P Datasheet HTML 4Page - Burr-Brown (TI) OPA640P Datasheet HTML 5Page - Burr-Brown (TI) OPA640P Datasheet HTML 6Page - Burr-Brown (TI) OPA640P Datasheet HTML 7Page - Burr-Brown (TI) OPA640P Datasheet HTML 8Page - Burr-Brown (TI) OPA640P Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
OPA640
®
SPECIFICATIONS
ELECTRICAL
At TA = +25°C, VS = ±5V, RL = 100Ω, CL = 2pF, RFB = 402Ω and all four power supply pins are used, unless otherwise noted. RFB = 25Ω for a gain of +1.
OPA640P, U
OPA640UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
±2.0
±5
1.0
±2.0
mV
Average Drift,
±10
±6
µV/°C
Power Supply Rejection (+VS)VS = ±4.5 to ±5.5V
60
75
TT
dB
(–VS)53
60
TT
dB
INPUT BIAS CURRENT(1)
Input Bias Current
VCM = 0V
15
25
TT
µA
Over Specified Temperature
30
75
18
55
µA
Input Offset Current
VCM = 0V
0.3
2.0
T
1.0
µA
Over Specified Temperature
0.5
2.5
T
2.0
µA
NOISE
Input Voltage Noise Density
f = 100Hz
7.0
T
nV/
√Hz
f = 10kHz
2.8
T
nV/
√Hz
f = 1MHz
2.8
T
nV/
√Hz
f = 1MHz to 500MHz
2.9
T
nV/
√Hz
Voltage Noise, BW = 100Hz to 500MHz
65
T
µVrms
Input Bias Current Noise Density
f = 0.1Hz to 20kHz
2.0
T
pA/
√Hz
Noise Figure (NF)
RS = 1kΩ
2.6
T
dB
RS = 50Ω
10.9
T
dB
INPUT VOLTAGE RANGE
Common-Mode Input Range
±2.5
±2.85
TT
V
Over Temperature
±2.5
±2.75
TT
V
Common-Mode Rejection
VCM = ±0.5V
70
85
80
88
dB
INPUT IMPEDANCE
Differential
15 || 1
T
k
Ω || pF
Common-Mode
2 || 1
T
M
Ω || pF
OPEN-LOOP GAIN, DC
Open-Loop Voltage Gain
VO = ±2V, RL = 100Ω
50
57
53
T
dB
Over Specified Temperature
VO = ±2V, RL = 100Ω
45
55
TT
dB
FREQUENCY RESPONSE
Closed-Loop Bandwidth
Gain = +1V/V
1.3
T
GHz
Gain = +2V/V
280
T
MHz
Gain = +5V/V
65
T
MHz
Gain = +10V/V
31
T
MHz
Slew Rate(2)
G = +1, 2V Step
350
T
V/
µs
At Minimum Specified Temperature
G = +1, 2V Step
285
T
V/
µs
Settling Time
0.01%
G = +1, 2V Step
22
T
ns
0.1%
G = +1, 2V Step
18
T
ns
1%
G = +1, 2V Step
4.5
T
ns
Spurious Free Dynamic Range
G = +1, f = 5MHz, VO = 2Vp-p
85
T
dBc
G = +1, f = 10MHz, VO = 2Vp-p
75
T
dBc
G = +1, f = 20MHz, VO = 2Vp-p
65
T
dBc
Gain Flatness to 0.1dB
G = +1 or +2
120
T
MHz
Differential Gain at 3.58MHz,
VO = 0V to 1.4V, RL = 150Ω
0.07
T
%
G = +2V/V
Differential Phase at 3.58MHz,
VO = 0V to 1.4V, RL = 150Ω
0.008
T
Degrees
G = +2V/V
OUTPUT
Voltage Output
No Load
Over Specified Temperature
±2.6
±3.0
TT
V
Voltage Output
RL = 100Ω
Over Specified Temperature
±2.25
±2.5
TT
V
Current Output, +25
°C
±40
±52
TT
mA
Over Specified Temperature
±25
±45
TT
mA
Short Circuit Current
75
T
mA
Output Resistance
1MHz, G = +1V/V
0.2
T
POWER SUPPLY
Specified Operating Voltage
TMIN to TMAX
±5
T
V
Operating Voltage Range
TMIN to TMAX
±4.5
±5.5
TT
V
Quiescent Current
±18
±22
TT
mA
Over Specified Temperature
±19
±24
TT
mA
TEMPERATURE RANGE
Specification: P, U, UB
Ambient
–40
+85
TT
°C
Thermal Resistance
θ
JA, Junction to Ambient
°C/W
P
8-Pin DIP
100
T
°C/W
U, UB
8-Pin SO-8
125
T
°C/W
NOTE: (1) Slew rate is rate of change from 10% to 90% of output voltage step.


Similar Part No. - OPA640P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA640P TI1-OPA640P Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA640P TI1-OPA640P Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA640P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA641 BURR-BROWN-OPA641 Datasheet
106Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA680 TI1-OPA680 Datasheet
248Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER
OPA3680 TI1-OPA3680 Datasheet
238Kb / 22P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA3690 TI1-OPA3690_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA650 TI1-OPA650 Datasheet
148Kb / 13P
[Old version datasheet]   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA651 BURR-BROWN-OPA651 Datasheet
146Kb / 11P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com