Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA627AP Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA627AP
Description  Precision High-Speed Difet OPERATIONAL AMPLIFIERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA627AP Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button OPA627AP Datasheet HTML 2Page - Burr-Brown (TI) OPA627AP Datasheet HTML 3Page - Burr-Brown (TI) OPA627AP Datasheet HTML 4Page - Burr-Brown (TI) OPA627AP Datasheet HTML 5Page - Burr-Brown (TI) OPA627AP Datasheet HTML 6Page - Burr-Brown (TI) OPA627AP Datasheet HTML 7Page - Burr-Brown (TI) OPA627AP Datasheet HTML 8Page - Burr-Brown (TI) OPA627AP Datasheet HTML 9Page - Burr-Brown (TI) OPA627AP Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
®
OPA627, 637
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, and VS = ±15V, unless otherwise noted.
SUPPLY CURRENT vs TEMPERATURE
Temperature (°C)
8
7.5
7
6.5
6
–75
–50
–25
0
25
50
75
100
125
OUTPUT CURRENT LIMIT vs TEMPERATURE
100
80
60
40
20
0
–75
–50
–25
0
25
50
75
100
125
Temperature (°C)
–I
L at VO = –10V
–I
L at VO = 0V
+I
L at VO = +10V
+I
L at VO = 0V
OPA627 GAIN-BANDWIDTH AND SLEW RATE
vs TEMPERATURE
Temperature (°C)
24
20
16
12
8
–75
Slew Rate
GBW
60
55
50
–50
–25
0
25
50
75
100
125
OPA637 GAIN-BANDWIDTH AND SLEW RATE
vs TEMPERATURE
Temperature (°C)
120
100
80
60
40
–75
160
140
120
100
80
Slew Rate
GBW
–50
–25
0
25
50
75
100
125
OPA627 TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
Frequency (Hz)
20
100
1k
10k
20k
0.1
0.01
0.001
0.0001
0.00001
G = +10
G = +1
Measurement BW: 80kHz
+
+
100pF
100pF
G = +1
G = +10
V
I
V
I
549
5k
600
600
V = ±10V
O
V = ±10V
O
ΩΩ
OPA637 TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
Frequency (Hz)
20
100
1k
10k
20k
1
0.1
0.01
0.001
0.0001
G = +10
G = +50
+
100pF
G = +10
V
I
549
5k
600
V = ±10V
O
+
100pF
G = +50
V
I
102
5k
600
V = ±10V
O
Measurement BW: 80kHz


Similar Part No. - OPA627AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA627AP TI-OPA627AP Datasheet
267Kb / 16P
[Old version datasheet]   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
OPA627AP TI1-OPA627AP Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
OPA627APG4 TI-OPA627APG4 Datasheet
267Kb / 16P
[Old version datasheet]   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
OPA627APG4 TI1-OPA627APG4 Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA627AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
[Old version datasheet]   Precision High-Speed Difet Operational Amplifiers
OPA627 TI-OPA627_07 Datasheet
267Kb / 16P
[Old version datasheet]   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
OPA627AM TI1-OPA627AM Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
OPA627AU TI-OPA627AU Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA404 BURR-BROWN-OPA404 Datasheet
228Kb / 11P
   Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA627-DIE TI-OPA627-DIE Datasheet
110Kb / 6P
[Old version datasheet]   OPA627-DIE Precision High-Speed DIFET Operational Amplifier
OPA404KUG4 TI-OPA404KUG4 Datasheet
760Kb / 16P
[Old version datasheet]   Quad High-Speed Precision Difet 짰 OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS512 STMICROELECTRONICS-TS512 Datasheet
54Kb / 7P
   HIGH SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com