Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB1126A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB1126A
Description  980 MHz 80MHz BW SMD 5.0 x 5.0 mm SAW IF Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB1126A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB1126A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB1126A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB1126A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB1126A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB1126A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB1126A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB1126A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No.3, Industrial 2nd Rd., Ping-Chen Industrial District, Taoyuan, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales3@mail.taisaw.com Web: www.taisaw.com
SAW Filter 980MHz 80MHz BW (SMD 5.0×5.0 mm)
MODEL NO.: TB1126A
REV. NO.1
A. MAXIMUM RATING:
1. Operating temperature range: -30°C to 60°C
2. Storage temperature range:
-40°C to 85°C
3. Input Power Level : 10 dBm
4. Maximum DC Voltage : 10V
B. Characteristics :
Item
Unit
Min.
Type.
Max.
Center frequency, Fc
MHz
-
984
-
Insertion Loss, IL
dB
-
18
20.0
-1dB bandwidth
MHz
80
87
-
Passband Ripple Fc+/- 40MHz
dB
-
0.7
1.2
Attenuation:(Reference level from Min IL)
10MHz ~ 850MHz
dB
40
52
-
1034MHz ~ 1044MHz
dB
10
20
-
1044MHz ~ 1200MHz
dB
35
42
-
Temperature Coefficient
ppm/°C
-
-94
-
Source Impedance
Ohm
-
50
-
Load Impedance
Ohm
-
50
-
RoHS Compliant
Lead free
Lead-free soldering
Electrostatic Sensitive Device


Similar Part No. - TB1126A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB1126A GOLLEDGE-TB1126A Datasheet
191Kb / 6P
   SAW Filter 980.0MHz
More results

Similar Description - TB1126A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1125A TAI-SAW-TB1125A Datasheet
147Kb / 7P
   739 MHz 78MHz BW SMD 5.0 x 5.0 mm SAW IF Filter
TB1337A TAI-SAW-TB1337A Datasheet
411Kb / 8P
   149.3MHz 47.4MHz BW SMD 5.0 x 5.0 mm SAW IF Filter
TB1208A TAI-SAW-TB1208A Datasheet
201Kb / 8P
   149.64MHz 48MHz BW SMD 5.0 x 5.0 mm SAW IF Filter
TB1131A TAI-SAW-TB1131A Datasheet
111Kb / 7P
   192 MHz 60MHz BW SMD 7.0 x 5.0 mm SAW IF Filter
TB1328A TAI-SAW-TB1328A Datasheet
409Kb / 7P
   38.2 MHz 5MHz BW SMD 75.0 x 5.0 mm SAW IF Filter
TB1341A TAI-SAW-TB1341A Datasheet
363Kb / 7P
   127.5 MHz 20MHz BW SMD 7.0 x 5.0 mm SAW IF Filter
TA1715A TAI-SAW-TA1715A Datasheet
183Kb / 7P
   169.4 MHz 0.2MHz BW SMD 5.0 x 5.0 mm SAW RF Filter
TB1312A TAI-SAW-TB1312A Datasheet
388Kb / 7P
   234.5MHz 160kHz BW SMD 7.0 x 5.0 mm SAW IF Filter
TB1335A TAI-SAW-TB1335A Datasheet
369Kb / 7P
   230.4MHz 8.16MHz BW SMD 7.0 x 5.0 mm SAW IF Filter
TB1336A TAI-SAW-TB1336A Datasheet
374Kb / 7P
   328MHz 0.6MHz BW SMD 7.0 x 5.0 mm SAW IF Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com