Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB1124A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB1124A
Description  SAW Filter 46.3MHz 21MHz BW (SMD 7.0횞5.0 mm)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB1124A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB1124A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB1124A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB1124A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB1124A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB1124A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB1124A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB1124A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
(3) Wide band Response:
Fig1.
Horizontal: 50MHz/Div
Vertical: 10dB/Div
(4) Smith Chart


Similar Part No. - TB1124A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB1124A GOLLEDGE-TB1124A Datasheet
77Kb / 6P
   SAW Filter 46.30MHz
More results

Similar Description - TB1124A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1166A TAI-SAW-TB1166A Datasheet
117Kb / 7P
   SAW Filter 46.3MHz 21MHz BW (SMD 7.0횞5.0 mm)
TB1255A TAI-SAW-TB1255A Datasheet
349Kb / 7P
   SAW Filter 787.5MHz 21MHz BW (SMD 13.3횞6.5 mm)
TB1052A TAI-SAW-TB1052A Datasheet
309Kb / 7P
   SAW Filter 307.2MHz 62MHz BW (SMD 7.0횞5.0 mm)
TB1106A TAI-SAW-TB1106A Datasheet
100Kb / 7P
   SAW Filter 276.5MHz 40MHz BW (SMD 7.0횞5.0 mm)
TB1031A TAI-SAW-TB1031A Datasheet
297Kb / 7P
   SAW Filter 307.2MHz 41MHz BW (SMD 7.0횞5.0 mm)
TB1069A TAI-SAW-TB1069A Datasheet
168Kb / 8P
   SAW Filter 534.5MHz 0.4MHz BW (SMD 7.0횞5.0 mm)
TB1163A TAI-SAW-TB1163A Datasheet
101Kb / 7P
   SAW Filter 140MHz 13MHz BW (SMD 7.0횞5.0 mm)
TA2555A TAI-SAW-TA2555A Datasheet
473Kb / 7P
   SAW Filter 160MHz SMD 7.0횞5.0 mm (BW=8MHz)
TB1036A TAI-SAW-TB1036A Datasheet
297Kb / 6P
   SAW Filter 130.34MHz 27MHz BW (SMD 7.0횞5.0 mm)
TB1054A TAI-SAW-TB1054A Datasheet
294Kb / 7P
   SAW Filter 153.6MHz 1.23MHz BW (SMD 7.0횞5.0 mm)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com