Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB1107A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB1107A
Description  SAW Filter 91.85MHz 50MHz BW (SMD 13.3횞6.5 mm)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB1107A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB1107A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB1107A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB1107A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB1107A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB1107A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB1107A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB1107A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No.3, Industrial 2nd Rd., Ping-Chen Industrial District, Taoyuan, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales3@mail.taisaw.com Web: www.taisaw.com
SAW Filter 91.85MHz 50MHz BW (SMD 13.3×6.5 mm)
MODEL NO.: TB1107A
REV. NO.1
A. MAXIMUM RATING:
1. Operating temperature range: -30°C to 85°C
2. Storage temperature range:
-40°C to 85°C
3. Input Power Level : 10 dBm
4. Maximum DC Voltage : 10V
B. Characteristics :
Item
Unit
Min.
Type.
Max.
Center frequency, Fc
MHz
-
91.85
-
Insertion Loss, IL
dB
-
23.5
26.0
1dB Bandwidth
MHz
50
57
-
40dB Bandwidth
MHz
-
65
75
Passband Ripple Fc+/- 25MHz
dB
-
0.7
1.2
Absolute group Delay
us
-
0.8
-
Group Delay variation Fc+/- 25MHz
ns
-
30
-
Attenuation (Reference level from minimum Insertion loss )
DC ~ 51.5MHz
dB
35
40
-
131.5MHz ~ 170MHz
dB
35
40
-
170MHz ~ 380MHz
dB
25
35
-
380MHz ~ 550MHz
dB
45
57
-
550MHz ~ 1000MHz
dB
45
57
-
Temperature Coefficient
ppm/°C
-
-94
-
Source Impedance
Ohm
-
50
-
Load Impedance
Ohm
-
50
-
RoHS Compliant
Lead free
Lead-free soldering
Electrostatic Sensitive Device


Similar Part No. - TB1107A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB1107A GOLLEDGE-TB1107A Datasheet
115Kb / 6P
   SAW Filter 91.850MHz
More results

Similar Description - TB1107A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1093A TAI-SAW-TB1093A Datasheet
141Kb / 7P
   SAW Filter 181MHz 50MHz BW (SMD 13.3횞6.5 mm)
TB1152A TAI-SAW-TB1152A Datasheet
171Kb / 7P
   SAW Filter 50MHz 15.5MHz BW (SMD 13.3횞6.5 mm)
TB0887A TAI-SAW-TB0887A Datasheet
345Kb / 6P
   SAW Filter 55MHz 0.5MHz BW (SMD 13.3횞6.5 mm)
TB0479A TAI-SAW-TB0479A Datasheet
362Kb / 6P
   SAW Filter 96MHz 1.6MHz BW (SMD 13.3횞6.5 mm)
TB1046A TAI-SAW-TB1046A Datasheet
345Kb / 7P
   SAW Filter 304MHz 4MHz BW (SMD 13.3횞6.5 mm)
TB0184B TAI-SAW-TB0184B Datasheet
185Kb / 6P
   SAW Filter 70MHz 3.5MHz BW (SMD 13.3횞6.5 mm)
TB1154A TAI-SAW-TB1154A Datasheet
144Kb / 7P
   SAW Filter 148MHz 21.59MHz BW (SMD 13.3횞6.5 mm)
TB1188A TAI-SAW-TB1188A Datasheet
231Kb / 10P
   SAW Filter 241MHz 0.2MHz BW (SMD 13.3횞6.5 mm)
TB1235A TAI-SAW-TB1235A Datasheet
351Kb / 7P
   SAW Filter 120MHz 13.84MHz BW (SMD 13.3횞6.5 mm)
TB0885A TAI-SAW-TB0885A Datasheet
305Kb / 7P
   SAW Filter 77.5MHz 1MHz BW (SMD 13.3횞6.5 mm)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com