Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA633 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA633
Description  High Speed BUFFER AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA633 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA633 Datasheet HTML 1Page - Burr-Brown (TI) OPA633 Datasheet HTML 2Page - Burr-Brown (TI) OPA633 Datasheet HTML 3Page - Burr-Brown (TI) OPA633 Datasheet HTML 4Page - Burr-Brown (TI) OPA633 Datasheet HTML 5Page - Burr-Brown (TI) OPA633 Datasheet HTML 6Page - Burr-Brown (TI) OPA633 Datasheet HTML 7Page - Burr-Brown (TI) OPA633 Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
International Airport Industrial Park
Mailing Address: PO Box 11400
Tucson, AZ 85734
Street Address: 6730 S. Tucson Blvd.
Tucson, AZ 85706
Tel: (520) 746-1111
Twx: 910-952-1111
Cable: BBRCORP
Telex: 066-6491
FAX: (520) 889-1510
Immediate Product Info: (800) 548-6132
OPA633
High Speed
BUFFER AMPLIFIER
DESCRIPTION
The OPA633 is a monolithic unity-gain buffer ampli-
fier featuring very wide bandwidth and high slew rate.
A dielectric isolation process incorporating both NPN
and PNP high frequency transistors achieves perfor-
mance unattainable with conventional integrated cir-
cuit technology. Laser trimming provides low input
offset voltage.
High output current capability allows the OPA633 to
drive 50
Ω and 75Ω lines, making it ideal for RF, IF
and video applications. Low phase shift allows the
OPA633 to be used inside amplifier feedback loops.
OPA633 is available in a low cost plastic DIP package
specified for 0
°C to +75°C operation.
FEATURES
q WIDE BANDWIDTH: 260MHz
q HIGH SLEW RATE: 2500V/
µs
q HIGH OUTPUT CURRENT: 100mA
q LOW OFFSET VOLTAGE: 1.5mV
q REPLACES HA-5033
q IMPROVED PERFORMANCE/PRICE:
LH0033, LTC1010, H0S200
APPLICATIONS
q OP AMP CURRENT BOOSTER
q VIDEO BUFFER
q LINE DRIVER
q A/D CONVERTER INPUT BUFFER
V
OUT
+V
S
–V
S
V
IN
48
1
5
®
©1987 Burr-Brown Corporation
PDS-699B
Printed in U.S.A. October, 1993


Similar Part No. - OPA633

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA633 NSC-OPA633 Datasheet
124Kb / 9P
   High Speed BUFFER AMPLIFIER
logo
Texas Instruments
OPA633 TI1-OPA633 Datasheet
124Kb / 9P
[Old version datasheet]   High Speed BUFFER AMPLIFIER
logo
KODENSHI_AUK CORP.
OPA6330URO KODENSHI-OPA6330URO Datasheet
96Kb / 1P
   Ultra Red LED Chip
logo
Texas Instruments
OPA633KP TI1-OPA633KP Datasheet
124Kb / 9P
[Old version datasheet]   High Speed BUFFER AMPLIFIER
OPA633KPG4 TI1-OPA633KPG4 Datasheet
124Kb / 9P
[Old version datasheet]   High Speed BUFFER AMPLIFIER
More results

Similar Description - OPA633

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA633 NSC-OPA633 Datasheet
124Kb / 9P
   High Speed BUFFER AMPLIFIER
logo
Anaren Microwave
MSK0002 ANAREN-MSK0002 Datasheet
135Kb / 5P
   HIGH SPEED, BUFFER AMPLIFIER
logo
Texas Instruments
OPA633 TI1-OPA633 Datasheet
124Kb / 9P
[Old version datasheet]   High Speed BUFFER AMPLIFIER
logo
Burr-Brown (TI)
BUF600 BURR-BROWN-BUF600 Datasheet
247Kb / 14P
   HIGH-SPEED BUFFER AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK0002 MSK-MSK0002 Datasheet
289Kb / 5P
   HIGH SPEED, BUFFER AMPLIFIER AMP
MSK0002RH MSK-MSK0002RH Datasheet
590Kb / 7P
   RAD TOLERANT, HIGH SPEED, BUFFER AMPLIFIER
logo
Anaren Microwave
MSK0002RH ANAREN-MSK0002RH Datasheet
305Kb / 5P
   RAD HARD, HIGH SPEED, BUFFER AMPLIFIER
logo
Intersil Corporation
HFA1112883 INTERSIL-HFA1112883 Datasheet
446Kb / 18P
   Ultra High Speed Programmable Gain Buffer Amplifier
logo
Analog Devices
ADA4800 AD-ADA4800 Datasheet
221Kb / 16P
   Low Power, High Speed CCD Buffer Amplifier
REV. A
logo
Sony Corporation
CXA3741AUR SONY-CXA3741AUR Datasheet
252Kb / 15P
   High-speed Buffer Amplifier for CCD Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com