Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB1076A Datasheet(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB1076A
Description  IF SAW Filter 49.17 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB1076A Datasheet(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB1076A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB1076A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB1076A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB1076A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB1076A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB1076A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB1076A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
6
TST DCC
Release document
F.TEST CIRCUIT
G. PACKING:
1. REEL DIMENSION


Similar Part No. - TB1076A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1074A TAI-SAW-TB1074A Datasheet
233Kb / 7P
   IF SAW Filter 75 MHz(BW 22MHz) SMD 13.3mmX6.5mm
logo
Golledge Electronics Lt...
TB1074A GOLLEDGE-TB1074A Datasheet
263Kb / 7P
   SAW Filter 75.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TB1075A TAI-SAW-TB1075A Datasheet
295Kb / 7P
   SAW Filter 153.6MHz 1.23MHz BW (SMD 7.0횞5.0 mm)
logo
Golledge Electronics Lt...
TB1075A GOLLEDGE-TB1075A Datasheet
83Kb / 7P
   SAW Filter 153.60MHz
More results

Similar Description - TB1076A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1020A TAI-SAW-TB1020A Datasheet
330Kb / 7P
   IF SAW Filter 49.17 MHz
logo
Oscilent Corporation
820-IF120.0M-C OSCILENT-820-IF120.0M-C Datasheet
270Kb / 2P
   120.0 MHz IF SAW Filter
logo
Golledge Electronics Lt...
MA04889 GOLLEDGE-MA04889 Datasheet
214Kb / 6P
   IF SAW Filter 380 MHz
logo
Oscilent Corporation
815-IF43.5M-C OSCILENT-815-IF43.5M-C_14 Datasheet
136Kb / 4P
   43.5 MHz IF SAW Filter
logo
Transko Electronics, In...
TF-011001-SE0 TRANSKO-TF-011001-SE0 Datasheet
500Kb / 3P
   110.00 MHz IF SAW Filter
Revision 0: Oct. 2012
logo
TAI-SAW TECHNOLOGY CO.,...
TB0692A TAI-SAW-TB0692A Datasheet
287Kb / 4P
   IF SAW Filter 35.225 MHz
TB0796A TAI-SAW-TB0796A Datasheet
340Kb / 5P
   IF SAW Filter 38 MHz
TB0197A TAI-SAW-TB0197A Datasheet
171Kb / 4P
   IF SAW Filter 110.592 MHz
TB0260A TAI-SAW-TB0260A Datasheet
819Kb / 8P
   IF SAW Filter 168.5 MHz
TB0410A TAI-SAW-TB0410A Datasheet
275Kb / 7P
   IF SAW Filter 200 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com