Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB1044A Datasheet(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB1044A
Description  SAW Filter 70 MHz(BW=2.25MHz) DIP 34.7mmx12.7mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB1044A Datasheet(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB1044A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB1044A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB1044A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB1044A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB1044A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB1044A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
6
TST DCC
Release document
: Week Code (Follow the table from planner each year)
Unit : mm
: Product / Year Code
Year
2009
2010
2011
2012
Product Code
B
b
B
b
G. RECOMMENDED REFLOW PROFILE:


Similar Part No. - TB1044A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB1044A GOLLEDGE-TB1044A Datasheet
240Kb / 5P
   SAW Filter 70.0MHz
More results

Similar Description - TB1044A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0941A TAI-SAW-TB0941A Datasheet
412Kb / 6P
   SAW Filter 70 MHz(BW=3.2MHz) DIP 35.0mmx12.8mm
TB0940A TAI-SAW-TB0940A Datasheet
410Kb / 6P
   SAW Filter 70 MHz(BW=1.3MHz) DIP 35.0mmx12.8mm
TB0821A TAI-SAW-TB0821A Datasheet
520Kb / 5P
   SAW Filter 140 MHz(BW=0.2MHz) DIP 35.0mmx12.8mm
TB0810A TAI-SAW-TB0810A Datasheet
487Kb / 6P
   SAW Filter 140 MHz(BW=14.0MHz) DIP 27.0mmx12.8mm
TB0811A TAI-SAW-TB0811A Datasheet
361Kb / 6P
   SAW Filter 160 MHz(BW=4.0MHz) DIP 35.0mmx12.8mm
TA2732AA3112 TAI-SAW-TA2732AA3112 Datasheet
743Kb / 8P
   SAW Filter 1745 MHz BW 70 MHz SMD 3.0X3.0 mm
TB0229A TAI-SAW-TB0229A Datasheet
510Kb / 5P
   70 MHz IF SAW Filter (DIP 20.2횞12.6 mm)
TB0230A TAI-SAW-TB0230A Datasheet
205Kb / 4P
   70 MHz IF SAW Filter (DIP 20.2횞12.6 mm)
TB0278BA0217 TAI-SAW-TB0278BA0217 Datasheet
367Kb / 7P
   IF SAW Filter 70 MHz SMD 19.0x6.5 mm (BW=2.2 MHz)
TB1374A TAI-SAW-TB1374A Datasheet
723Kb / 7P
   IF SAW Filter 70 MHz SMD 19.0x6.5 mm (BW=1 MHz)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com