Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA604AU Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA604AU
Description  FET-Input, Low Distortion OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA604AU Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA604AU Datasheet HTML 1Page - Burr-Brown (TI) OPA604AU Datasheet HTML 2Page - Burr-Brown (TI) OPA604AU Datasheet HTML 3Page - Burr-Brown (TI) OPA604AU Datasheet HTML 4Page - Burr-Brown (TI) OPA604AU Datasheet HTML 5Page - Burr-Brown (TI) OPA604AU Datasheet HTML 6Page - Burr-Brown (TI) OPA604AU Datasheet HTML 7Page - Burr-Brown (TI) OPA604AU Datasheet HTML 8Page - Burr-Brown (TI) OPA604AU Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FEATURES
q LOW DISTORTION: 0.0003% at 1kHz
q LOW NOISE: 10nV/
√Hz
q HIGH SLEW RATE: 25V/
µs
q WIDE GAIN-BANDWIDTH: 20MHz
q UNITY-GAIN STABLE
q WIDE SUPPLY RANGE: V
S = ±4.5 to ±24V
q DRIVES 600
Ω LOAD
q DUAL VERSION AVAILABLE (OPA2604)
FET-Input, Low Distortion
OPERATIONAL AMPLIFIER
APPLICATIONS
q PROFESSIONAL AUDIO EQUIPMENT
q PCM DAC I/V CONVERTER
q SPECTRAL ANALYSIS EQUIPMENT
q ACTIVE FILTERS
q TRANSDUCER AMPLIFIER
q DATA ACQUISITION
OPA604
DESCRIPTION
The OPA604 is a FET-input operational amplifier
designed for enhanced AC performance. Very low
distortion, low noise and wide bandwidth provide
superior performance in high quality audio and other
applications requiring excellent dynamic performance.
New circuit techniques and special laser trimming of
dynamic circuit performance yield very low harmonic
distortion. The result is an op amp with exceptional
sound quality. The low-noise FET input of the OPA604
provides wide dynamic range, even with high source
impedance. Offset voltage is laser-trimmed to mini-
mize the need for interstage coupling capacitors.
The OPA604 is available in 8-pin plastic mini-DIP
and SO-8 surface-mount packages, specified for the
–25
°C to +85°C temperature range.
Distortion
Rejection
Circuitry(1)
(3)
(+)
(2)
(–)
(7)
V+
(6)
VO
(4)
V–
Output
Stage(1)
NOTE: (1) Patents Granted: #5053718, 5019789
(5)
(1)
FPO
© 1992 Burr-Brown Corporation
PDS-1161C
Printed in U.S.A. May, 1995
®
International Airport Industrial Park
Mailing Address: PO Box 11400
Tucson, AZ 85734
Street Address: 6730 S. Tucson Blvd.
Tucson, AZ 85706
Tel: (520) 746-1111
Twx: 910-952-1111
Cable: BBRCORP
Telex: 066-6491
FAX: (520) 889-1510
Immediate Product Info: (800) 548-6132


Similar Part No. - OPA604AU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA604AU TI-OPA604AU Datasheet
693Kb / 16P
[Old version datasheet]   FET-Input, Low Distortion OPERATIONAL AMPLIFIER
OPA604AU/2K5 TI-OPA604AU/2K5 Datasheet
693Kb / 16P
[Old version datasheet]   FET-Input, Low Distortion OPERATIONAL AMPLIFIER
OPA604AU/2K5G4 TI-OPA604AU/2K5G4 Datasheet
693Kb / 16P
[Old version datasheet]   FET-Input, Low Distortion OPERATIONAL AMPLIFIER
OPA604AUE4 TI-OPA604AUE4 Datasheet
693Kb / 16P
[Old version datasheet]   FET-Input, Low Distortion OPERATIONAL AMPLIFIER
More results

Similar Description - OPA604AU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA604 TI-OPA604_07 Datasheet
693Kb / 16P
[Old version datasheet]   FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2604 BURR-BROWN-OPA2604 Datasheet
214Kb / 12P
   Dual FET-Input, Low Distortion OPERATIONAL AMPLIFIER
OPA2604 BURR-BROWN-OPA2604_06 Datasheet
165Kb / 14P
   Dual FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2604-Q1 TI1-OPA2604-Q1 Datasheet
310Kb / 16P
[Old version datasheet]   DUAL FET-INPUT, LOW DISTORTION OPERATIONAL AMPLIFIER
OPA2604 TI1-OPA2604 Datasheet
435Kb / 26P
[Old version datasheet]   Dual FET-Input, Low-Distortion Operational Amplifier
OPA2604-Q1 TI-OPA2604-Q1 Datasheet
309Kb / 16P
[Old version datasheet]   DUAL FET-INPUT, LOW DISTORTION OPERATIONAL AMPLIFER
2011
OPA1656 TI1-OPA1656 Datasheet
611Kb / 23P
[Old version datasheet]   Ultra-low-noise, low-distortion, FET-input, Burr-Brown audio operational amplifier
logo
National Semiconductor ...
LH740A NSC-LH740A Datasheet
111Kb / 2P
   FET Input Operational Amplifier
logo
List of Unclassifed Man...
NE536 ETC-NE536 Datasheet
262Kb / 5P
   FET INPUT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA628 BURR-BROWN-OPA628 Datasheet
172Kb / 13P
   Low Distortion Wideband OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com