Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA228UA Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA228UA
Description  High Precision, Low Noise OPERATIONAL AMPLIFIERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA228UA Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button OPA228UA Datasheet HTML 4Page - Burr-Brown (TI) OPA228UA Datasheet HTML 5Page - Burr-Brown (TI) OPA228UA Datasheet HTML 6Page - Burr-Brown (TI) OPA228UA Datasheet HTML 7Page - Burr-Brown (TI) OPA228UA Datasheet HTML 8Page - Burr-Brown (TI) OPA228UA Datasheet HTML 9Page - Burr-Brown (TI) OPA228UA Datasheet HTML 10Page - Burr-Brown (TI) OPA228UA Datasheet HTML 11Page - Burr-Brown (TI) OPA228UA Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
OPA227, 2227, 4227
OPA228, 2228, 4228
8
SBOS110A
www.ti.com
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, RL = 10kΩ, and VS = ±15V, unless otherwise noted.
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0
5
10
15
20
25
30
35
40
Supply Voltage (V)
CHANGE IN INPUT BIAS CURRENT
vs POWER SUPPLY VOLTAGE
Curve shows normalized change in bias current
with respect to V
S = ±10V. Typical IB may range
from –2nA to +2nA at V
S = ±10V.
CHANGE IN INPUT BIAS CURRENT
vs COMMON-MODE VOLTAGE
15
Common-Mode Voltage (V)
–15
–10
–50
5
10
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
V
S = ±15V
V
S = ±5V
Curve shows normalized change in bias current
with respect to V
CM = 0V. Typical IB may range
from –2nA to +2nA at V
CM = 0V.
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
15
14
13
12
11
10
–10
–11
–12
–13
–14
–15
V+
(V+) –1V
(V+) –2V
(V+) –3V
(V–) +3V
(V–) +2V
(V–) +1V
V–
0
102030405060
Output Current (mA)
–55
°C
–40
°C
–55
°C
85
°C
25
°C
85
°C
25
°C
–40
°C
125
°C
125
°C
100
10
1
±1
±10
±100
Gain (V/V)
SETTLING TIME vs CLOSED-LOOP GAIN
0.01%
OPA227
0.1%
V
S = ±15V, 10V Step
C
L = 1500pF
R
L = 2kΩ
0.01%
OPA228
0.1%
SLEW RATE vs TEMPERATURE
125
Temperature (
°C)
–75
–50
–25
0
25
50
75
100
3.0
2.5
2.0
1.5
1.0
0.5
0
Negative Slew Rate
R
LOAD = 2kΩ
C
LOAD = 100pF
Positive Slew Rate
OPA227
SLEW RATE vs TEMPERATURE
125
Temperature (
°C)
–75
–50
–25
0
25
50
75
100
12
10
8
6
4
2
0
R
LOAD = 2kΩ
C
LOAD = 100pF
OPA228


Similar Part No. - OPA228UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA228UA TI-OPA228UA Datasheet
838Kb / 27P
[Old version datasheet]   High Precision, Low Noise OPERATIONAL AMPLIFIERS
OPA228UA TI1-OPA228UA Datasheet
1Mb / 46P
[Old version datasheet]   High Precision, Low Noise Operational Amplifiers
OPA228UA2K5 TI-OPA228UA2K5 Datasheet
838Kb / 27P
[Old version datasheet]   High Precision, Low Noise OPERATIONAL AMPLIFIERS
OPA228UAG4 TI1-OPA228UAG4 Datasheet
1Mb / 46P
[Old version datasheet]   High Precision, Low Noise Operational Amplifiers
More results

Similar Description - OPA228UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA227 TI-OPA227_07 Datasheet
838Kb / 27P
[Old version datasheet]   High Precision, Low Noise OPERATIONAL AMPLIFIERS
OPA227 TI1-OPA227 Datasheet
1Mb / 46P
[Old version datasheet]   High Precision, Low Noise Operational Amplifiers
logo
National Semiconductor ...
LH0044 NSC-LH0044 Datasheet
220Kb / 8P
   PRECISION LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27GU TI-OP27GU Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
LT1007 TI-LT1007 Datasheet
306Kb / 24P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1007 LINER-LT1007_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
LT1037 LINER-LT1037_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
logo
Texas Instruments
OP27A TI1-OP27A_14 Datasheet
327Kb / 23P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com