Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSW-0508TX Datasheet(PDF) 3 Page - Level One

Part # FSW-0508TX
Description  Provides flexibility of 5x 10/100BASE-TX ports 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FSW-0508TX Datasheet(HTML) 3 Page - Level One

  FSW-0508TX Datasheet HTML 1Page - Level One FSW-0508TX Datasheet HTML 2Page - Level One FSW-0508TX Datasheet HTML 3Page - Level One FSW-0508TX Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Physical Specifications
Dimensions (W x D x H mm):
125 x 69 x 30 mm
Others
Approval and Compliance:
CE; FCC
Deployment:
Desktop and Magnetic Base
Diagram
Order Information
FSW-0508TX
Package Contents
Power Adapter
Quick Installation Guide
No liability or responsibility for any errors or omissions in the content.
Specifications are subject to change without notice.
www.level1.com
Page 3 of 4


Similar Part No. - FSW-0508TX

ManufacturerPart #DatasheetDescription
logo
Level One
FSW-0503 LVL1-FSW-0503 Datasheet
707Kb / 5P
   Provides flexibility of 4 x 10/100BASE-TX PoE ports IEEE 802.3af PoE compliant to simplify deployment and installation
FSW-0503-Z LVL1-FSW-0503-Z Datasheet
657Kb / 3P
   Simple Plug and Play installation
More results

Similar Description - FSW-0508TX

ManufacturerPart #DatasheetDescription
logo
Level One
FSW-0511 LVL1-FSW-0511 Datasheet
746Kb / 4P
   Provides flexibility of 5x 10/100BASE-TX ports 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
GEP-1020 LVL1-GEP-1020_14 Datasheet
489Kb / 5P
   8 PoE-Plus Gigabit Ethernet ports and 2 Gigabit SFP slots 1000Mbps-Full-duplex, 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
GEP-1021 LVL1-GEP-1021_14 Datasheet
490Kb / 5P
   8 PoE-Plus Gigabit Ethernet ports and 2 Gigabit SFP slots 1000Mbps-Full-duplex, 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
FEP-1601 LVL1-FEP-1601 Datasheet
389Kb / 4P
   IEEE 802.3x Flow Control protects against lost packets for reliable data transmission 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
FGP-1000 LVL1-FGP-1000 Datasheet
499Kb / 4P
   IEEE 802.3x Flow Control protects against lost packets for reliable data transmission 1000Mbps-Full-duplex, 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
FEP-1600 LVL1-FEP-1600 Datasheet
495Kb / 4P
   IEEE 802.3x Flow Control protects against lost packets for reliable data transmission 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
logo
Bothhand USA, LP.
40ST1064M BOTHHAND-40ST1064M Datasheet
287Kb / 1P
   10/100BASE-TX TRANSFORMER MODULES FOR AUTO MDI/MDIX APPLICATIONS
logo
Pulse A Technitrol Comp...
H1140 PULSE-H1140 Datasheet
139Kb / 2P
   10/100BASE-TX TRANSFORMER MODULES For Auto MDI/MDIX Applications
H1164T PULSE-H1164T Datasheet
182Kb / 2P
   10/100BASE-TX TRANSFORMEr MODULES For Auto MDI/MDIX Applications
logo
Level One
WAP-6003 LVL1-WAP-6003 Datasheet
568Kb / 6P
   Provides flexibility of 5x 10/100BASE-TX ports Compatible with IEEE 802.11b/g/n wireless standards
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com