Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA541AP Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA541AP
Description  High Power Monolithic OPERATIONAL AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA541AP Datasheet(HTML) 4 Page - Burr-Brown (TI)

  OPA541AP Datasheet HTML 1Page - Burr-Brown (TI) OPA541AP Datasheet HTML 2Page - Burr-Brown (TI) OPA541AP Datasheet HTML 3Page - Burr-Brown (TI) OPA541AP Datasheet HTML 4Page - Burr-Brown (TI) OPA541AP Datasheet HTML 5Page - Burr-Brown (TI) OPA541AP Datasheet HTML 6Page - Burr-Brown (TI) OPA541AP Datasheet HTML 7Page - Burr-Brown (TI) OPA541AP Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
®
OPA541
10
1
0.1
0.01
0.001
10
100
1k
10k
100k
Frequency (Hz)
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
P = 100mW
O
P = 50W
O
A = –5
V
P = 5W
O
1k
100
10
VOLTAGE NOISE DENSITY
vs FREQUENCY
1
10
100
1k
10k
100k
Frequency (Hz)
6
5
4
3
2
1
0
0123456789
10
I
(A)
OUT
OUTPUT VOLTAGE SWING
vs OUTPUT CURRENT
|–V | – |V |
SO
(+V ) – V
SO
1.3
1.2
1.1
1
0.9
0.8
0.7
0.6
20
30
40
50
60
70
80
90
+V + |–V | (V)
SS
NORMALIZED QUIESCENT CURRENT
vs TOTAL POWER SUPPLY VOLTAGE
T = +25°C
C
T = –25°C
C
T = +125°C
C
110
90
70
50
30
10
–10
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
OPEN-LOOP GAIN AND PHASE
vs FREQUENCY
0
–45
–90
–135
–180
Phase
Gain
Z = 3.3nF
L
Z = 3.3nF
L
Z = 2k
L
Z = 2k
L
–25
0
25
50
75
100
125
100
10
1
0.1
0.01
0.001
Temperature (°C)
INPUT BIAS CURRENT
vs TEMPERATURE
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = ±35VDC, unless otherwise noted.


Similar Part No. - OPA541AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA541AP TI1-OPA541AP Datasheet
459Kb / 22P
[Old version datasheet]   High Power Monolithic Operational Amplifier
OPA541APG3 TI1-OPA541APG3 Datasheet
459Kb / 22P
[Old version datasheet]   High Power Monolithic Operational Amplifier
More results

Similar Description - OPA541AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA541 TI1-OPA541 Datasheet
459Kb / 22P
[Old version datasheet]   High Power Monolithic Operational Amplifier
logo
Motorola, Inc
MC1709 MOTOROLA-MC1709 Datasheet
761Kb / 4P
   MONOLITHIC OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM6313 NSC-LM6313 Datasheet
246Kb / 10P
   High Power Operational Amplifier
logo
Cirrus Logic
CPA241 CIRRUS-CPA241 Datasheet
163Kb / 2P
   High Power Operational Amplifier
CPA241 APEX-CPA241 Datasheet
114Kb / 1P
   HIGH POWER OPERATIONAL AMPLIFIER
logo
Anaren Microwave
MSK115 ANAREN-MSK115 Datasheet
378Kb / 7P
   HIGH POWER OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
AD847JRZ ETC2-AD847JRZ Datasheet
87Kb / 12P
   MICROCIRCUIT, LINEAR, HIGH SPEED, LOW POWER, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
TelCom Semiconductor, I...
TC901 TELCOM-TC901 Datasheet
55Kb / 4P
   MONOLITHIC, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LF13741 NSC-LF13741 Datasheet
323Kb / 12P
   MONOLITHIC JFET INPUT OPERATIONAL AMPLIFIER
logo
Analog Devices
AD546 AD-AD546_15 Datasheet
457Kb / 12P
   1A Monolithic Electrometer Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com