Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA501SM Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA501SM
Description  High Current, High Power OPERATIONAL AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA501SM Datasheet(HTML) 4 Page - Burr-Brown (TI)

  OPA501SM Datasheet HTML 1Page - Burr-Brown (TI) OPA501SM Datasheet HTML 2Page - Burr-Brown (TI) OPA501SM Datasheet HTML 3Page - Burr-Brown (TI) OPA501SM Datasheet HTML 4Page - Burr-Brown (TI) OPA501SM Datasheet HTML 5Page - Burr-Brown (TI) OPA501SM Datasheet HTML 6Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
®
OPA501
TYPICAL PERFORMANCE CURVES
Typical at +25
°C case and ±V
S = 28VDC, unless otherwise noted.
OPEN-LOOP FREQUENCY RESPONSE
120
1
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
100
80
60
40
20
0
–20
0
–30
–60
–90
–120
–150
–180
–210
Amplitude
Phase
COMMON MODE REJECTION vs FREQUENCY
Frequency (Hz)
120
100
80
60
40
20
0
1
10
100
1k
10k
100k
1M
INPUT BIAS CURRENT vs TEMPERATURE
Case Temperature (°C)
2.8
–50
–25
0
25
50
75
100
125
2.4
2.0
1.6
1.2
0.8
0.4
0
OUTPUT VOLTAGE SWING
vs POWER SUPPLY VOLTAGE
Power Supply Voltage, V
S (V)
±40
±10
±35
±30
±25
±20
±15
±10
±15
±20
±25
±30
±35
±40
A
V = 10
I
O = 1A
I
O = 5A
I
O = 10A
FULL POWER RESPONSE
Frequency (kHz)
100
1
2
4
6
10
20
40
60
60
40
20
10
6
4
2
100
+V
S = ±34V
+V
S = ±28V
Maximum
Output
Maximum “Undistorted”
Sine Wave Output
R
L = 8
A
V = +10
T
C = +25°C
HARMONIC DISTORTION vs FREQUENCY
Frequency (kHz)
1.8
10
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
102
103
104
V
O = 40Vp-p
A
V = +10
V
S = ±28V
R
L = 4 Ω
R
L = 8 Ω
R
L = 16Ω
R
L = 50Ω


Similar Part No. - OPA501SM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA502 BURR-BROWN-OPA502 Datasheet
142Kb / 10P
   High Current, High Power OPERATIONAL AMPLIFIER
OPA502BM BURR-BROWN-OPA502BM Datasheet
142Kb / 10P
   High Current, High Power OPERATIONAL AMPLIFIER
More results

Similar Description - OPA501SM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA511 BURR-BROWN-OPA511 Datasheet
65Kb / 6P
   High Current-High Power OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
OMA541SK ETC-OMA541SK Datasheet
59Kb / 4P
   HIGH POWER, HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA502 BURR-BROWN-OPA502 Datasheet
142Kb / 10P
   High Current, High Power OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
OMA8201SF ETC-OMA8201SF Datasheet
18Kb / 2P
   DUAL HIGH POWER, HIGH CURRENT OPERATIONAL AMPLIFIER MODULE
logo
Texas Instruments
OPA548FKTWT TI-OPA548FKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA549 TI-OPA549_12 Datasheet
444Kb / 18P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547 Datasheet
175Kb / 13P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA548 TI1-OPA548 Datasheet
2Mb / 39P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifier
OPA561 TI-OPA561 Datasheet
545Kb / 16P
[Old version datasheet]   High-Current, High-Speed OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547_02 Datasheet
319Kb / 16P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com