Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA445AU Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA445AU
Description  High Voltage FET-Input OPERATIONAL AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA445AU Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button OPA445AU Datasheet HTML 3Page - Burr-Brown (TI) OPA445AU Datasheet HTML 4Page - Burr-Brown (TI) OPA445AU Datasheet HTML 5Page - Burr-Brown (TI) OPA445AU Datasheet HTML 6Page - Burr-Brown (TI) OPA445AU Datasheet HTML 7Page - Burr-Brown (TI) OPA445AU Datasheet HTML 8Page - Burr-Brown (TI) OPA445AU Datasheet HTML 9Page - Burr-Brown (TI) OPA445AU Datasheet HTML 10Page - Burr-Brown (TI) OPA445AU Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
®
OPA445
R
1
R
2
OPA445
OPA445
“SLAVE”
“MASTER”
V
IN
R
S
(1)
10
R
S
(1)
10
R
L
NOTE: (1) R
S
resistors minimize the circulating
current that will always flow between the two devices
due to V
OS errors.
INCREASING OUTPUT CURRENT
In those applications where the 15mA of output current is
not sufficient to drive the required load, output current can
be increased by connecting two or more OPA445s in parallel
as shown in Figure 7. Amplifier A1 is the “master” amplifier
and may be configured in virtually an op amp circuit.
Amplifier A2, the “slave”, is configured as a unity gain
buffer. Alternatively, external output transistors can be used
to boost output current. The circuit in Figure 8 is capable of
supplying output currents up to 1A.
INPUT PROTECTION
The inputs of conventional FET-input op amps should be
protected against destructive currents that can flow when
input FET gate-to-substrate isolation diodes are forward-
biased. This can occur if the input voltage exceeds the power
supplies or there is an input voltage with VS = 0V. Protection
is easily accomplished with a resistor in series with the
input. Care should be taken because the resistance in series
with the input capacitance may affect stability. Many input
signals are inherently current-limited, therefore, a limiting
resistor may not be required.
FIGURE 7. Parallel Amplifiers Increase Output Current
Capability.
R
1
R
2
OPA445
TIP30C
TIP29C
V
IN
+45V
–45V
V
O
R
3
(1)
100
NOTE: (1) Provides current limit for OPA445 and allows the amplifier to
drive the load when the output is between 0.7V and –0.7V.
R
4
0.2
R
4
0.2
LOAD
C
F
FIGURE 8. External Output Transistors Boost Output Current up to 1 Amp.


Similar Part No. - OPA445AU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA445AU TI-OPA445AU Datasheet
885Kb / 25P
[Old version datasheet]   SBOS156B High Voltage FET-Input
OPA445AU TI-OPA445AU Datasheet
885Kb / 25P
[Old version datasheet]   High Voltage FET-Input OPERATIONAL AMPLIFIER
OPA445AU TI1-OPA445AU Datasheet
905Kb / 25P
[Old version datasheet]   High Voltage FET-Input OPERATIONAL AMPLIFIER
OPA445AU/2K5 TI1-OPA445AU/2K5 Datasheet
905Kb / 25P
[Old version datasheet]   High Voltage FET-Input OPERATIONAL AMPLIFIER
OPA445AU2K5 TI-OPA445AU2K5 Datasheet
885Kb / 25P
[Old version datasheet]   SBOS156B High Voltage FET-Input
More results

Similar Description - OPA445AU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA445 TI1-OPA445_16 Datasheet
905Kb / 25P
[Old version datasheet]   High Voltage FET-Input OPERATIONAL AMPLIFIER
OPA445BM TI-OPA445BM Datasheet
897Kb / 25P
[Old version datasheet]   High Voltage FET-Input OPERATIONAL AMPLIFIER
OPA445SM TI-OPA445SM Datasheet
885Kb / 25P
[Old version datasheet]   High Voltage FET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH740A NSC-LH740A Datasheet
111Kb / 2P
   FET Input Operational Amplifier
logo
List of Unclassifed Man...
NE536 ETC-NE536 Datasheet
262Kb / 5P
   FET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4631 TI1-THS4631_14 Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
THS4631 NSC-THS4631 Datasheet
1Mb / 34P
   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4631 TI-THS4631 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA07 CIRRUS-PA07 Datasheet
208Kb / 5P
   FET Input Power Operational Amplifier
logo
Texas Instruments
THS4601 TI-THS4601 Datasheet
381Kb / 27P
[Old version datasheet]   WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com