Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA3682 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA3682
Description  Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA3682 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA3682 Datasheet HTML 1Page - Burr-Brown (TI) OPA3682 Datasheet HTML 2Page - Burr-Brown (TI) OPA3682 Datasheet HTML 3Page - Burr-Brown (TI) OPA3682 Datasheet HTML 4Page - Burr-Brown (TI) OPA3682 Datasheet HTML 5Page - Burr-Brown (TI) OPA3682 Datasheet HTML 6Page - Burr-Brown (TI) OPA3682 Datasheet HTML 7Page - Burr-Brown (TI) OPA3682 Datasheet HTML 8Page - Burr-Brown (TI) OPA3682 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Triple, Wideband, Fixed Gain
BUFFER AMPLIFIER With Disable
OPA3682
®
FEATURES
q INTERNALLY FIXED GAIN: +2 or
±1
q HIGH BANDWIDTH (G = +2): 240MHz
q LOW SUPPLY CURRENT: 6mA/ch
q LOW DISABLED CURRENT: 320
µA/ch
q HIGH OUTPUT CURRENT: 150mA
q OUTPUT VOLTAGE SWING:
±4.0V
q
±5V OR SINGLE +5V OPERATION
q IMPROVED HIGH FREQUENCY PINOUT
APPLICATIONS
q RGB VIDEO LINE DRIVER
q VIDEO MULTIPLEXERS
q MULTIPLE LINE VIDEO D/As
q PORTABLE INSTRUMENTS
q ADC BUFFERS
q ACTIVE FILTERS
q WIDEBAND DIFFERENTIAL RECEIVERS
TM
DESCRIPTION
The OPA3682 provides an easy-to-use, broadband fixed
gain, triple buffer amplifier. Depending on the external
connections, the internal resistor network may be used to
provide either a fixed gain of +2 video buffer, or a gain
of +1 or –1 voltage buffer. Operating on a very low
6mA/ch supply current, the OPA3682 offers a slew rate
and output power normally associated with a much
higher supply current. A new output stage architecture
delivers high output current with minimal headroom and
crossover distortion. This gives exceptional single-sup-
ply operation. Using a single +5V supply, the OPA3682
can deliver a 1V to 4V output swing with over 100mA
drive current and 200MHz bandwidth. This combination
of features makes the OPA3682 an ideal RGB line driver
or single-supply, triple ADC input driver.
The OPA3682’s low 6mA/ch supply current is precisely
trimmed at 25
°C. This trim, along with low drift over
temperature, guarantees lower maximum supply current
than competing products that report only a room tempera-
ture nominal supply current. System power may be further
reduced by using the optional disable control pin. Leaving
this disable pin open, or holding it high, gives normal
operation. If pulled low, the OPA3682 supply current drops
to less than 320
µA/ch while the output goes into a high
impedance state. This feature may be used for either power
savings or for video MUX applications.
©1998 Burr-Brown Corporation
PDS-1496B
Printed in U.S.A. June, 1999
1/3
OPA3682
400
400
75.0
75.0
RG-59
V
R
1/3
OPA3682
400
400
75.0
75.0
RG-59
V
G
1/3
OPA3682
400
400
75.0
75
Ω Cable
75
Ω Cable
75
Ω Cable
75.0
RG-59
V
B
Video RGB Amplifier
OPA3682 RELATED PRODUCTS
SINGLES
DUALS
TRIPLES
Voltage Feedback
OPA680
OPA2680
OPA3680
Current Feedback
OPA681
OPA2681
OPA3681
Fixed Gain
OPA682
OPA2682
OPA3682
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
OPA3
682
OPA3682
For most current data sheet and other product
information, visit www.burr-brown.com


Similar Part No. - OPA3682

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3682 TI-OPA3682 Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3682 TI1-OPA3682 Datasheet
195Kb / 20P
[Old version datasheet]   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA3682 TI1-OPA3682 Datasheet
217Kb / 22P
[Old version datasheet]   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA3682 TI1-OPA3682 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
OPA3682 TI1-OPA3682 Datasheet
218Kb / 20P
[Old version datasheet]   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER
More results

Similar Description - OPA3682

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA2682 BURR-BROWN-OPA2682 Datasheet
182Kb / 19P
   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA2682 TI1-OPA2682 Datasheet
195Kb / 20P
[Old version datasheet]   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3693 BURR-BROWN-OPA3693 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA3693 BURR-BROWN-OPA3693_07 Datasheet
945Kb / 31P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com