Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA3680U Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA3680U
Description  Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA3680U Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button OPA3680U Datasheet HTML 4Page - Burr-Brown (TI) OPA3680U Datasheet HTML 5Page - Burr-Brown (TI) OPA3680U Datasheet HTML 6Page - Burr-Brown (TI) OPA3680U Datasheet HTML 7Page - Burr-Brown (TI) OPA3680U Datasheet HTML 8Page - Burr-Brown (TI) OPA3680U Datasheet HTML 9Page - Burr-Brown (TI) OPA3680U Datasheet HTML 10Page - Burr-Brown (TI) OPA3680U Datasheet HTML 11Page - Burr-Brown (TI) OPA3680U Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
OPA3680
®
TYPICAL PERFORMANCE CURVES: VS = ±5V (Cont.)
At TA = +25°C, G = +2, RF = 250Ω, and RL = 100Ω, unless otherwise noted. See Figure 1.
–20
–30
–40
–50
–60
–70
–80
–90
–100
ALL HOSTILE CROSSTALK
Frequency (MHz)
0.3
1
10
100
300
10
1
0.1
0.01
CLOSED-LOOP OUTPUT IMPEDANCE vs FREQUENCY
Frequency (Hz)
10k
100M
100k
1M
10M
1/3
OPA3680
250
+5V
–5V
250
200
Z
O
200
150
100
50
0
30
22.5
15
7.5
0
SUPPLY AND OUTPUT CURRENT vs TEMPERATURE
Ambient Temperature (
°C)
–40
–20
0
20
40
60
80
100
120
140
Quiescent Supply Current
Sourcing Output Current
Sinking Output Current
5
4
3
2
1
0
–1
–2
–3
–4
–5
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
I
O (mA)
–300
–200
–100
0
100
200
300
100
Ω Load Line
50
Ω Load Line
25
Load Line
Output Current Limited
1W Internal
Power Limit
One
Channel
Only
1W Internal
Power Limit
Output Current Limit
15
10
5
0
–5
–10
–15
TYPICAL DC DRIFT OVER TEMPERATURE
Ambient Temperature (
°C)
–40
–20
0
20
40
60
80
100
120
140
IB
VIO
IOS
0.2
0.175
0.15
0.125
0.1
0.075
0.05
0.025
0
COMPOSITE VIDEO dG/dP
Number of 150
Ω Loads
12
3
4
d
φ
dG
1/3
OPA3680
250
250
75
250
Optional
1.3k
Pulldown
Video In
+5V
DIS
–5V
Video
Loads
d
φ
dG
No Pulldown
With 1.3k
Pulldown


Similar Part No. - OPA3680U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3680U TI1-OPA3680U Datasheet
238Kb / 22P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA3680U/2K5 TI1-OPA3680U/2K5 Datasheet
238Kb / 22P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA3680U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA3691 BURR-BROWN-OPA3691 Datasheet
438Kb / 25P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA690 TI-OPA690 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA690IDBVTG4 TI1-OPA690IDBVTG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA3695 TI1-OPA3695_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA2680 BURR-BROWN-OPA2680 Datasheet
204Kb / 21P
   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA680 BURR-BROWN-OPA680 Datasheet
235Kb / 21P
   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable TM
OPA2690 BURR-BROWN-OPA2690 Datasheet
487Kb / 30P
   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA2680 TI1-OPA2680 Datasheet
217Kb / 22P
[Old version datasheet]   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com