Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA3680U Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA3680U
Description  Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA3680U Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA3680U Datasheet HTML 1Page - Burr-Brown (TI) OPA3680U Datasheet HTML 2Page - Burr-Brown (TI) OPA3680U Datasheet HTML 3Page - Burr-Brown (TI) OPA3680U Datasheet HTML 4Page - Burr-Brown (TI) OPA3680U Datasheet HTML 5Page - Burr-Brown (TI) OPA3680U Datasheet HTML 6Page - Burr-Brown (TI) OPA3680U Datasheet HTML 7Page - Burr-Brown (TI) OPA3680U Datasheet HTML 8Page - Burr-Brown (TI) OPA3680U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
®
OPA3680
TYPICAL PERFORMANCE CURVES: VS = ±5V
At TA = +25°C, G = +2, RF = 250Ω, and RL = 100Ω, unless otherwise noted. See Figure 1.
6
3
0
–3
–6
–9
–12
–15
–18
–21
–24
SMALL-SIGNAL FREQUENCY RESPONSE
Frequency (MHz)
0.5
10
100
500
G = +5
V
O = 0.5Vp-p
G = +10
G = +2
G = +1
R
F = 25Ω
15
12
9
6
3
0
–3
–6
–9
–12
–15
LARGE-SIGNAL FREQUENCY RESPONSE
Frequency (MHz)
0.5
10
100
500
V
O = 7Vp-p
V
O = 1Vp-p
V
O = 2Vp-p
V
O = 4Vp-p
400
300
200
100
0
–100
–200
–300
–400
SMALL-SIGNAL PULSE RESPONSE
Time (5ns/div)
G = +2
V
O = 0.5Vp-p
+4
+3
+2
+1
0
–1
–2
–3
–4
LARGE-SIGNAL PULSE RESPONSE
Time (5ns/div)
G = +2
V
O = 5Vp-p
2.0
1.6
0.8
0.4
0
6.0
4.0
2.0
0
LARGE-SIGNAL DISABLE/ENABLE RESPONSE
Time (50ns/div)
Output Voltage
V
DIS
G = +2
V
IN = +1V
DISABLED FEEDTHROUGH vs FREQUENCY
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
Frequency (MHz)
1
10
100
Forward
V
DIS = 0
Reverse


Similar Part No. - OPA3680U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3680U TI1-OPA3680U Datasheet
238Kb / 22P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA3680U/2K5 TI1-OPA3680U/2K5 Datasheet
238Kb / 22P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA3680U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA3691 BURR-BROWN-OPA3691 Datasheet
438Kb / 25P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA690 TI-OPA690 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA690IDBVTG4 TI1-OPA690IDBVTG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA3695 TI1-OPA3695_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA2680 BURR-BROWN-OPA2680 Datasheet
204Kb / 21P
   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA680 BURR-BROWN-OPA680 Datasheet
235Kb / 21P
   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable TM
OPA2690 BURR-BROWN-OPA2690 Datasheet
487Kb / 30P
   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA2680 TI1-OPA2680 Datasheet
217Kb / 22P
[Old version datasheet]   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com