Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA350EA Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA350EA
Description  High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA350EA Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button OPA350EA Datasheet HTML 2Page - Burr-Brown (TI) OPA350EA Datasheet HTML 3Page - Burr-Brown (TI) OPA350EA Datasheet HTML 4Page - Burr-Brown (TI) OPA350EA Datasheet HTML 5Page - Burr-Brown (TI) OPA350EA Datasheet HTML 6Page - Burr-Brown (TI) OPA350EA Datasheet HTML 7Page - Burr-Brown (TI) OPA350EA Datasheet HTML 8Page - Burr-Brown (TI) OPA350EA Datasheet HTML 9Page - Burr-Brown (TI) OPA350EA Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
®
OPA350, 2350, 4350
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = +5V, and RL = 1kΩ connected to VS/2, unless otherwise noted.
INPUT BIAS CURRENT vs TEMPERATURE
Temperature (
°C)
–75
–50
–25
0
25
50
75
100
125
1k
100
10
1
0.1
INPUT BIAS CURRENT
vs INPUT COMMON-MODE VOLTAGE
Common-Mode Voltage (V)
1.5
1.0
0.5
0.0
–0.5
–0.5 0.0 0.5 1.0
2.0
1.5
2.5 3.0 3.5 4.0
5.0
4.5
5.5
CLOSED-LOOP OUTPUT IMPEDANCE vs FREQUENCY
Frequency (Hz)
100
10
1
0.1
0.01
0.001
0.0001
1
10
100
1k
10k
100k
1M
10M
100M
G = 100
G = 10
G = 1
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
100M
1M
10M
Frequency (Hz)
100k
6
5
4
3
2
1
0
Maximum output
voltage without
slew rate-induced
distortion.
V
S = 2.7V
V
S = 5.5V
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
Output Current (mA)
V+
(V+)–1
(V+)–2
(V–)+2
(V–)+1
(V–)
0
±10
±20
±30
±40
+25
°C
+125
°C
–55
°C
–55
°C
+125
°C
+25
°C
Depending on circuit configuration
(including closed-loop gain) performance
may be degraded in shaded region.
OPEN-LOOP GAIN vs OUTPUT VOLTAGE SWING
140
130
120
110
100
90
80
70
60
Output Voltage Swing from Rails (mV)
0
20
40
60
100
80
120
160
140
180
200
I
OUT = 4.2mA
I
OUT = 250µA
I
OUT = 2.5mA


Similar Part No. - OPA350EA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA350EA TI-OPA350EA Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
OPA350EA TI1-OPA350EA Datasheet
1Mb / 40P
[Old version datasheet]   Rail-to-Rail Operational Amplifiers MicroAmplifier Series
OPA350EA-250 TI-OPA350EA-250 Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Burr-Brown (TI)
OPA350EA/250 BURR-BROWN-OPA350EA/250 Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA350EA/250 TI-OPA350EA/250 Datasheet
1Mb / 30P
[Old version datasheet]   LAUNCHXL-F28379D Overview
2016-2019
More results

Similar Description - OPA350EA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA350 BURR-BROWN-OPA350_05 Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA2353EA TI-OPA2353EA Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA2350EA250G4 TI-OPA2350EA250G4 Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Burr-Brown (TI)
OPA353 BURR-BROWN-OPA353 Datasheet
192Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2343EA-2K5 TI-OPA2343EA-2K5 Datasheet
859Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Burr-Brown (TI)
OPA340 BURR-BROWN-OPA340_06 Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com