Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA349UA Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA349UA
Description  1mA, Rail-to-Rail, CMOS OPERATIONAL AMPLIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA349UA Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA349UA Datasheet HTML 1Page - Burr-Brown (TI) OPA349UA Datasheet HTML 2Page - Burr-Brown (TI) OPA349UA Datasheet HTML 3Page - Burr-Brown (TI) OPA349UA Datasheet HTML 4Page - Burr-Brown (TI) OPA349UA Datasheet HTML 5Page - Burr-Brown (TI) OPA349UA Datasheet HTML 6Page - Burr-Brown (TI) OPA349UA Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
®
OPA349
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, unless otherwise noted.
OUTPUT VOLTAGE vs OUTPUT CURRENT
Output Current (mA)
V+
(V+)–1
(V+)–2
(V+)+2
(V–)+1
V–
0
1
234
5
6
7
8
Sourcing Current
Sinking Current
0
°C to +70°C
0
°C to +70°C
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Frequency (Hz)
6
5
4
3
2
1
0
100
1k
10k
100k
V
S = +5.5V
V
S = +5V
V
S = +2.5V
V
S = +1.8V
100
µs/div
LARGE-SIGNAL STEP RESPONSE
G = 1, RL = 1MΩ
40
µs/div
SMALL-SIGNAL STEP RESPONSE
G = 1, RL = 1MΩ, CL = 20pF
100
µs/div
SMALL-SIGNAL STEP RESPONSE
G = 1, RL = 1MΩ, CL = 500pF
QUIESCENT CURRENT vs TEMPERATURE
Temperature (
°C)
16
14
12
10
8
6
4
2
0
–75
–50
–25
0
25
50
75
100
125
OPA2349
(per channel)
OPA349


Similar Part No. - OPA349UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA349UA TI-OPA349UA Datasheet
1Mb / 23P
[Old version datasheet]   1A, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA349UA TI-OPA349UA Datasheet
1Mb / 23P
[Old version datasheet]   1A, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA349UA TI1-OPA349UA Datasheet
1Mb / 23P
[Old version datasheet]   1uA, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA349UA TI1-OPA349UA Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA349UA/2K5 TI1-OPA349UA/2K5 Datasheet
1Mb / 23P
[Old version datasheet]   1uA, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA349UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
   Rail-to-Rail Output CMOS Operational Amplifiers
logo
Texas Instruments
LMV341-Q1 TI-LMV341-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com