Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2337UA Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2337UA
Description  MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2337UA Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA2337UA Datasheet HTML 1Page - Burr-Brown (TI) OPA2337UA Datasheet HTML 2Page - Burr-Brown (TI) OPA2337UA Datasheet HTML 3Page - Burr-Brown (TI) OPA2337UA Datasheet HTML 4Page - Burr-Brown (TI) OPA2337UA Datasheet HTML 5Page - Burr-Brown (TI) OPA2337UA Datasheet HTML 6Page - Burr-Brown (TI) OPA2337UA Datasheet HTML 7Page - Burr-Brown (TI) OPA2337UA Datasheet HTML 8Page - Burr-Brown (TI) OPA2337UA Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
OPA337, OPA2337
OPA338, OPA2338
®
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
PDS-1410C
© 1997 Burr-Brown Corporation
PDS-1410D
Printed in U.S.A. June, 2000
FEATURES
q MicroSIZE PACKAGES:
SOT23-5
SOT23-8
q SINGLE-SUPPLY OPERATION
q RAIL-TO-RAIL OUTPUT SWING
q FET-INPUT: I
B = 10pA max
q HIGH SPEED:
OPA337: 3MHz, 1.2V/
µs (G = 1)
OPA338: 12.5MHz, 4.6V/
µs (G = 5)
q OPERATION FROM 2.5V to 5.5V
q HIGH OPEN-LOOP GAIN: 120dB
q LOW QUIESCENT CURRENT: 525
µA/amp
q SINGLE AND DUAL VERSIONS
DESCRIPTION
The OPA337 and OPA338 series rail-to-rail output CMOS
operational amplifiers are designed for low cost and minia-
ture applications. Packaged in the new SOT23-8, the
OPA2337EA and OPA2338EA are Burr-Brown’s smallest
dual op amps. At 1/4 the size of a conventional SO-8 surface
mount, they are ideal for space-sensitive applications.
Utilizing advanced CMOS technology, OPA337 and
OPA338 op amps provide low bias current, high-speed
operation, high open-loop gain, and rail-to-rail output
swing. They operate on a single supply with operation as
low as 2.5V while drawing only 525
µA quiescent current.
In addition, the input common-mode voltage range in-
cludes ground—ideal for single-supply operation.
The OPA337 series is unity-gain stable. The OPA338
series is optimized for gains greater than or equal to five.
They are easy to use and free from phase inversion and
overload problems found in some other op amps. Excel-
lent performance is maintained as the amplifiers swing to
their specified limits. The dual versions feature completely
independent circuitry for lowest crosstalk and freedom
from interaction, even when overdriven or overloaded.
Micro
SIZE, Single-Supply
CMOS OPERATIONAL AMPLIFIERS
Micro
Amplifier Series
APPLICATIONS
q BATTERY-POWERED INSTRUMENTS
q PHOTODIODE PRE-AMPS
q MEDICAL INSTRUMENTS
q TEST EQUIPMENT
q AUDIO SYSTEMS
q DRIVING ADCs
q CONSUMER PRODUCTS
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2337, OPA2338
8-Pin DIP(1), SO-8, SOT23-8
A
B
1
2
3
4
8
7
6
5
NC
V+
Output
NC
NC
–In
+In
V–
OPA337, OPA338
8-Pin DIP(1), SO-8, MSOP-8(1)
1
2
3
5
4
V+
–In
Out
V–
+In
OPA337, OPA338
SOT23-5
NOTE: (1) DIP AND MSOP-8 versions for OPA337, OPA2337 only.
SPICE Model available at www.burr-brown.com
For most current data sheet and other product
information, visit www.burr-brown.com
OPA337
OPA2337
OPA338
OPA2338
G = 1 STABLE
G
5 STABLE
SINGLE
DUAL
SINGLE
DUAL
PACKAGE
OPA337
OPA2337
OPA338
OPA2338
SOT23-5
SOT23-8
MSOP-8
SO-8
DIP-8
OPA337
OPA2337
OPA2338


Similar Part No. - OPA2337UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2337UA TI1-OPA2337UA Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
OPA2337UA/2K5 TI1-OPA2337UA/2K5 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
OPA2337UA/2K5G4 TI1-OPA2337UA/2K5G4 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
OPA2337UAG4 TI1-OPA2337UAG4 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2337UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA338NA250 TI1-OPA338NA250 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA2337EA3K TI1-OPA2337EA3K Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA337 TI1-OPA337_16 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Texas Instruments
OPA336 TI1-OPA336_17 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Burr-Brown (TI)
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336 Datasheet
275Kb / 8P
   SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Texas Instruments
OPA237 TI1-OPA237 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com