Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82422H1682000 Datasheet(PDF) 2 Page - EPCOS

Part # B82422H1682000
Description  SMT inductors SIMID series, SIMID 1210-H
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82422H1682000 Datasheet(HTML) 2 Page - EPCOS

  B82422H1682000 Datasheet HTML 1Page - EPCOS B82422H1682000 Datasheet HTML 2Page - EPCOS B82422H1682000 Datasheet HTML 3Page - EPCOS B82422H1682000 Datasheet HTML 4Page - EPCOS B82422H1682000 Datasheet HTML 5Page - EPCOS B82422H1682000 Datasheet HTML 6Page - EPCOS B82422H1682000 Datasheet HTML 7Page - EPCOS B82422H1682000 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
12/12
Please read Cautions and warnings and
Important notes at the end of this document.
Size 1210 (EIA) or 3225 (IEC)
Rated inductance 0.1 ... 680 μH
Rated current 61 ... 2050 mA
Construction
Ferrite drum core
Laser-welded winding
Flame-retardant molding
Features
Temperature range up to +150 °C
Very high current handling capability
Qualified to AEC-Q200
Suitable for lead-free reflow soldering
as referenced in JEDEC J-STD 020D
RoHS-compatible
Applications
Filtering of supply voltages, coupling, decoupling
DC/DC converters, switch-mode power supplies
Automotive electronics (e.g. single wire bus systems)
Telecommunications
Consumer and data processing equipment
Industrial electronics
Terminals
Base material CuSn6
Layer composition Cu, Ag, Sn (lead-free)1)
Electro-plated
Marking
Marking on component:
Manufacturer and letter “H”, L value (in
PH),
tolerance of L value (coded), date of manufacture (YWWD)
Minimum data on reel:
Manufacturer, ordering code, L value, quantity, date of packing
Delivery mode and packing units
8-mm blister tape, wound on 180-mm or 330-mm
‡ reel
Packing units:
180-mm reel: 2000 pcs./reel
330-mm reel: 7500 pcs./reel
1) Ni-barrier-plated terminals on request (B82422H*50).
B82422H
SMT inductors, SIMID series
SIMID 1210-H


Similar Part No. - B82422H1682000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422H1682000 EPCOS-B82422H1682000 Datasheet
484Kb / 8P
   SMT inductors SIMID series, SIMID 1210-H Ferrite drum core
B82422H1682000 EPCOS-B82422H1682000 Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series SIMID 1210?묱
More results

Similar Description - B82422H1682000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422H1223K EPCOS-B82422H1223K Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series SIMID 1210?묱
B82422H EPCOS-B82422H_12 Datasheet
484Kb / 8P
   SMT inductors SIMID series, SIMID 1210-H Ferrite drum core
B82422H EPCOS-B82422H Datasheet
275Kb / 5P
   SIMID 1210−H
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
   SMT Inductors, SIMID Series SIMID 0603-C
B82442H EPCOS-B82442H_12 Datasheet
484Kb / 9P
   SMT inductors SIMID series, SIMID 2220-H Upright ferrite drum core
B82496C3159A EPCOS-B82496C3159A Datasheet
81Kb / 6P
   SMT Inductors, SIMID Series
B82498F EPCOS-B82498F Datasheet
78Kb / 7P
   SMT Inductors, SIMID Series SIMID 0805-F
B82499A EPCOS-B82499A Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82496C3109 EPCOS-B82496C3109 Datasheet
125Kb / 8P
   SMT inductors, SIMID series
B82496-A EPCOS-B82496-A Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com