Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UGP20J Datasheet(PDF) 3 Page - Leshan Radio Company

Part # UGP20J
Description  Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 800V Forward Current2.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

UGP20J Datasheet(HTML) 3 Page - Leshan Radio Company

  UGP20J Datasheet HTML 1Page - Leshan Radio Company UGP20J Datasheet HTML 2Page - Leshan Radio Company UGP20J Datasheet HTML 3Page - Leshan Radio Company UGP20J Datasheet HTML 4Page - Leshan Radio Company UGP20J Datasheet HTML 5Page - Leshan Radio Company UGP20J Datasheet HTML 6Page - Leshan Radio Company UGP20J Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3. dimension:
UGP20A thru UGP20K


Similar Part No. - UGP20J

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
UGP20J ZOWIE-UGP20J Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED ULTRAFAST EFFICIENT RECTIFIER
logo
Galaxy Semi-Conductor H...
UGP20J BILIN-UGP20J Datasheet
65Kb / 2P
   ULTRA FAST RECTIFIER
logo
TAITRON Components Inco...
UGP20J TAITRON-UGP20J Datasheet
191Kb / 4P
   2.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
logo
Diode Semiconductor Kor...
UGP20J DSK-UGP20J Datasheet
260Kb / 2P
   ULTRA FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
UGP20J BILIN-UGP20J Datasheet
253Kb / 2P
   ULTRA FAST RECTIFIER
More results

Similar Description - UGP20J

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
UGP30A LRC-UGP30A Datasheet
332Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 800V Forward Current3.0A
UGP10A LRC-UGP10A Datasheet
183Kb / 7P
   Glass Passivated Junction Uitra Fast Rectifiers Reverse Voltage 50 to 800V Forward Current 1.0A
LUR160 LRC-LUR160 Datasheet
115Kb / 4P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMBF205 LRC-LUMBF205 Datasheet
224Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
LUMBF260 LRC-LUMBF260 Datasheet
224Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
UG2A LRC-UG2A Datasheet
177Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 200V Forward Current 2.0A
LUR460 LRC-LUR460 Datasheet
186Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
SF61G LRC-SF61G Datasheet
245Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
LUMA105 LRC-LUMA105 Datasheet
189Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMB305 LRC-LUMB305 Datasheet
183Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com