Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF5407G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # UF5407G
Description  Glass Passivated Junction Ultra Fast Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

UF5407G Datasheet(HTML) 2 Page - Leshan Radio Company

  UF5407G Datasheet HTML 1Page - Leshan Radio Company UF5407G Datasheet HTML 2Page - Leshan Radio Company UF5407G Datasheet HTML 3Page - Leshan Radio Company UF5407G Datasheet HTML 4Page - Leshan Radio Company UF5407G Datasheet HTML 5Page - Leshan Radio Company UF5407G Datasheet HTML 6Page - Leshan Radio Company UF5407G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2.Ratings and Characteristic Curves ( TA = 25
°C unless otherwise noted )
UF5400G thru UF5408G
Fig. 1 – Forward Current Derating Curve
Fig. 2 – Maximum Non-repetitive Peak
Forward Surge Current
Fig 4. – Typical Reverse Characteristics
Fig 3. – Typical Instantaneous Forward
Characteristics
Fig 5. –typical transient thermal
impedance
Fig 6. – Typical Junction Capacitance
0
25
50
75
100 125
150 175
0
10
100
0.6
0.8
1.0
1.2
1.4
1.6
0
20
40
60
80
100
0.1
1
10
100
100
10
1.0
100
10
1.0
0.1
0.01
10
1.0
0.1
0.01
100
3.0
1.5
0
200
100
0
TJ = 75°C
8.3ms Single Half Sine-wave
(JEDEC Method)
TJ = 25°C
Pulse width = 300µs
1% Duty Cycle
TJ = 25°C
f = 1.0 MHz
Vsig = 50mVp-p
Ambient Temperature, °C
Number of Cycles at 60Hz
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Reverse Voltage (V)
Tj=125℃
Tj=25℃
10
1.0
0.1
100
0.01
0.1
1.0
10
100
t,Pulse duration,sec
TA=Ambient Temperature
0.375"(9.5mm)Lead Lengh
60 Hz Resistive or Inductive load
TL=Lead Temperature with both leads heat
sink mounted with length(L) as shown
Tj=75℃


Similar Part No. - UF5407G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
UF5407G JGD-UF5407G Datasheet
165Kb / 2P
   3.0 AMP. GLASS PASSIVATED ULTRA FAST RECTIFIERS
logo
DIYI Electronic Technol...
UF5407G DYELEC-UF5407G Datasheet
585Kb / 2P
   3.0 AMP. Ultra Fast Rectifiers G lass
logo
Won-Top Electronics
UF5407G WTE-UF5407G Datasheet
58Kb / 4P
   3.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Jiangsu High diode Semi...
UF5407G HDSEMI-UF5407G Datasheet
1Mb / 4P
   DO-27 Plastic-Encapsulate Diodes
logo
Pan Jit International I...
UF5407G PANJIT-UF5407G Datasheet
37Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RCTIFIER
More results

Similar Description - UF5407G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
RGP30MA LRC-RGP30MA Datasheet
448Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
LUMB305 LRC-LUMB305 Datasheet
183Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
SF31G LRC-SF31G Datasheet
75Kb / 3P
   Glass Passivated Junction Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
logo
Rugao Dachang Electroni...
RGP30A DACHANG-RGP30A Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
logo
Leshan Radio Company
LUR4100 LRC-LUR4100 Datasheet
184Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 800 to 1000V Forward Current 4.0A
LUR6100 LRC-LUR6100 Datasheet
461Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 800 to 1000V Forward Current 6.0A
RGP20MA LRC-RGP20MA Datasheet
493Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
RGP10MA LRC-RGP10MA Datasheet
176Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
LUR2100 LRC-LUR2100 Datasheet
335Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 800 to 1000V Forward Current 2.0A
LUR1100 LRC-LUR1100 Datasheet
358Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 800 to 1000V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com