Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF56 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # SF56
Description  Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SF56 Datasheet(HTML) 1 Page - Leshan Radio Company

  SF56 Datasheet HTML 1Page - Leshan Radio Company SF56 Datasheet HTML 2Page - Leshan Radio Company SF56 Datasheet HTML 3Page - Leshan Radio Company SF56 Datasheet HTML 4Page - Leshan Radio Company SF56 Datasheet HTML 5Page - Leshan Radio Company SF56 Datasheet HTML 6Page - Leshan Radio Company SF56 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically
bonded construction
* Diffused junction
* Capable of meeting environmental standards
of MIL-S-19500
* For use in high frequency rectifier circuits
* Fast switching for high efficiency
* High temperature soldering guaranteed:
260
°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
Mechanical Data
Case: JEDEC DO-201AD, molded plastic
Terminals: Plated axial leads, solderable per
We declare that the material of product compliance
MIL-STD-750, Method 2026
with ROHS requirements
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.038 oz., 1.03 g
Handling precautin:None
1.Electrical Characteristic
Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
SF51
SF52
SF53
SF54
SF55
SF56
SF57
SF58
Unit
device marking code
SF51
SF52
SF53
SF54
SF55
SF56
SF57
SF58
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
300
400
500
600V
Maximum RSM voltage
VRSM
35
70
105
140
210
280
350
420
V
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
500
600
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 75°C
IF(AV)
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
A
Typical thermal resistance (Note 2)
R
θJ
A
°C/W
Maximum DC blocking voltage temperature
TA
°C
Operating junction temperature range
TJ
°C
Storage temperature range
TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
SF51
SF52
SF53
SF54
SF55
SF56
SF57
SF58
Unit
Maximum instantaneous forward voltage at 5.0A
VF
V
Maximum DC reverse current TA = 25
°C
at rated DC blocking voltage TA = 100
°C
IR
µA
Typical reverse recovery time (Note 1)
trr
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375
” (9.5mm) lead length, P.C.B. mounted
35
190
5.0
150
20
150
–50 to +150
–50 to +150
1.7
SF51 thru SF58
Super Fast Plastic Rectifiers
Reverse Voltage 50 to 600V Forward Current 5.0A
10
200
1.25
0.95


Similar Part No. - SF56

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SF56 SHUNYE-SF56 Datasheet
383Kb / 2P
   SUPER FAST RECTIFIER
logo
Mospec Semiconductor
SF56 MOSPEC-SF56 Datasheet
127Kb / 2P
   POWER RECTIFIERS(5.0A, 50-400V)
logo
Guangdong Juxing Electr...
SF56 JUXING-SF56 Datasheet
641Kb / 2P
   Superfast Recovery Rectitiers
logo
DAESAN ELECTRONIC CORP.
SF56 DAESAN-SF56 Datasheet
299Kb / 2P
   CURRENT 5.0 Amperes VOLTAGE 50 to 600 Volts
logo
Diotech Company.
SF56 DIOTECH-SF56 Datasheet
680Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
More results

Similar Description - SF56

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SF61 LRC-SF61 Datasheet
205Kb / 7P
   Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
logo
Rugao Dachang Electroni...
SF51 DACHANG-SF51 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A
logo
Leshan Radio Company
SF21 LRC-SF21_14 Datasheet
325Kb / 7P
   Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
SF11 LRC-SF11_14 Datasheet
223Kb / 7P
   Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
logo
Cystech Electonics Corp...
SF560 CYSTEKEC-SF560 Datasheet
348Kb / 3P
   Super-fast Plastic Rectifiers Reverse Voltage 400V to 600V Forward Current 5A
logo
Leshan Radio Company
SF51G LRC-SF51G Datasheet
193Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A
SF31 LRC-SF31_14 Datasheet
204Kb / 7P
   per Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
SF41 LRC-SF41 Datasheet
206Kb / 7P
   per Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
SF31G LRC-SF31G Datasheet
75Kb / 3P
   Glass Passivated Junction Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
logo
Rugao Dachang Electroni...
HER501 DACHANG-HER501 Datasheet
139Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 5.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com