Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF36G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # SF36G
Description  Glass Passivated Junction Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SF36G Datasheet(HTML) 3 Page - Leshan Radio Company

  SF36G Datasheet HTML 1Page - Leshan Radio Company SF36G Datasheet HTML 2Page - Leshan Radio Company SF36G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - SF36G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SF36G JGD-SF36G Datasheet
171Kb / 2P
   3.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF36G TSC-SF36G Datasheet
378Kb / 4P
   Glass Passivated Super Fast Rectifiers
logo
Microdiode Electronics ...
SF36G CHENDA-SF36G Datasheet
726Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
SF36G TSC-SF36G Datasheet
72Kb / 2P
   3.0 AMPS. Ultra Fast Recovery Rectifiers
logo
Unisonic Technologies
SF36G UTC-SF36G Datasheet
181Kb / 4P
   GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF36G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LUMB305 LRC-LUMB305 Datasheet
183Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
SF11G LRC-SF11G Datasheet
241Kb / 7P
   Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SF21G LRC-SF21G Datasheet
261Kb / 7P
   Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
UF5400G LRC-UF5400G Datasheet
195Kb / 7P
   Glass Passivated Junction Ultra Fast Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
EFM301 LRC-EFM301 Datasheet
181Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
RGP30MA LRC-RGP30MA Datasheet
448Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
1E5G LRC-1E5G Datasheet
368Kb / 7P
   Glass Passivated Junction Super Fast Recitifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SF31 LRC-SF31_14 Datasheet
204Kb / 7P
   per Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
LUR160 LRC-LUR160 Datasheet
115Kb / 4P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMBF205 LRC-LUMBF205 Datasheet
224Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com