Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF33G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # SF33G
Description  Glass Passivated Junction Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SF33G Datasheet(HTML) 2 Page - Leshan Radio Company

  SF33G Datasheet HTML 1Page - Leshan Radio Company SF33G Datasheet HTML 2Page - Leshan Radio Company SF33G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4.Ratings and Characteristic Curves ( TA = 25°C unless otherwise noted )
SF31G thru SF38G
Fig. 1 – Forward Current Derating Curve
Fig. 2 – Maximum Non-repetitive Peak
Forward Surge Current
Fig 4. – Typical Reverse Characteristics
Fig 3. – Typical Instantaneous Forward
Characteristics
Fig 5. –typical transient thermal
impedance
Fig 6. – Typical Junction Capacitance
0
25
50
75
100 125
150 175
1
10
100
0.6
0.8
1.0
1.2
1.4
1.6
0
20
40
60
80
100
100
10
1.0
0.1
0.01
10
1.0
0.1
0.01
100
3.0
1.5
0
200
100
0
TJ = 75°C
8.3ms Single Half Sine-wave
(JEDEC Method)
TJ = 25°C
Pulse width = 300µs
1% Duty Cycle
Ambient Temperature, °C
Number of Cycles at 60Hz
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Reverse Voltage (V)
Tj=125℃
Tj=25℃
10
1.0
0.1
100
0.01
0.1
1.0
10
100
t,Pulse duration,sec
TA=Ambient Temperature
0.375"(9.5mm)Lead Lengh
60 Hz Resistive or Inductive load
TL=Lead Temperature with both leads heat
sink mounted with length(L) as shown
SF34G~SF34G
---SF35G~SF38G


Similar Part No. - SF33G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SF33G JGD-SF33G Datasheet
171Kb / 2P
   3.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Jinan Jing Heng Electro...
SF33G JINGHENG-SF33G Datasheet
56Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
RFE international
SF33G RFE-SF33G Datasheet
2Mb / 3P
   Super Fast Recovery Rectifier
09-26-2022
logo
Taiwan Semiconductor Co...
SF33G TSC-SF33G Datasheet
72Kb / 2P
   3.0 AMPS. Ultra Fast Recovery Rectifiers
logo
Diode Semiconductor Kor...
SF33G DSK-SF33G Datasheet
377Kb / 2P
   GLASS PASSIVATED RECTIFIERS
More results

Similar Description - SF33G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LUMB305 LRC-LUMB305 Datasheet
183Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
SF11G LRC-SF11G Datasheet
241Kb / 7P
   Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SF21G LRC-SF21G Datasheet
261Kb / 7P
   Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
UF5400G LRC-UF5400G Datasheet
195Kb / 7P
   Glass Passivated Junction Ultra Fast Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
EFM301 LRC-EFM301 Datasheet
181Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
RGP30MA LRC-RGP30MA Datasheet
448Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
1E5G LRC-1E5G Datasheet
368Kb / 7P
   Glass Passivated Junction Super Fast Recitifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SF31 LRC-SF31_14 Datasheet
204Kb / 7P
   per Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
LUR160 LRC-LUR160 Datasheet
115Kb / 4P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMBF205 LRC-LUMBF205 Datasheet
224Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com