Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF31 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # SF31
Description  per Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SF31 Datasheet(HTML) 4 Page - Leshan Radio Company

  SF31_14 Datasheet HTML 1Page - Leshan Radio Company SF31_14 Datasheet HTML 2Page - Leshan Radio Company SF31_14 Datasheet HTML 3Page - Leshan Radio Company SF31_14 Datasheet HTML 4Page - Leshan Radio Company SF31_14 Datasheet HTML 5Page - Leshan Radio Company SF31_14 Datasheet HTML 6Page - Leshan Radio Company SF31_14 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
标题:
1.1. 弹带盒规格 ammo spec.
单位:mm
L
WH
T52
262
±2
76
±2
90
±2
T42
262
±2
64
±2
90
±2
T26
250
±3
45
±3
95
±3
1.2 弹带内盒要求 inner box spec.
文件编号: WI-250
塑封生产线轴向产品包装规范
第 4 版
第 0 次修改
1 弹带盒装 ammo and box
1
LRC标签
label
ROHS标签
label


Similar Part No. - SF31_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF31 TSC-SF31_1 Datasheet
253Kb / 2P
   3.0 AMPS. Super Fast Rectifiers
logo
First Components Intern...
SF31 FCI-SF31_1 Datasheet
647Kb / 2P
   3.0 Amp SUPER FAST PLASTIC RECTIFIERS LOW COST
logo
Taiwan Semiconductor Co...
SF31 TSC-SF31_10 Datasheet
570Kb / 2P
   3.0 AMPS. Super Fast Rectifiers
logo
Micro Commercial Compon...
SF31 MCC-SF31_11 Datasheet
475Kb / 4P
   3.0 Amp Super Fast Rectifier 50 to 600 Volts
logo
Taiwan Semiconductor Co...
SF31 TSC-SF31_13 Datasheet
426Kb / 4P
   3.0AMPS. Super Fast Rectifiers High surge current capability
More results

Similar Description - SF31_14

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SF41 LRC-SF41 Datasheet
206Kb / 7P
   per Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
logo
Rugao Dachang Electroni...
MUR305 DACHANG-MUR305 Datasheet
172Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
SF31 DACHANG-SF31 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
RGP30A DACHANG-RGP30A Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
logo
Leshan Radio Company
SF31G LRC-SF31G Datasheet
75Kb / 3P
   Glass Passivated Junction Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
logo
Rugao Dachang Electroni...
ER300 DACHANG-ER300 Datasheet
121Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 600V Forward Current 3.0A
logo
Leshan Radio Company
SF61 LRC-SF61 Datasheet
205Kb / 7P
   Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
SF51 LRC-SF51 Datasheet
232Kb / 7P
   Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A
LUMB305 LRC-LUMB305 Datasheet
183Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
logo
List of Unclassifed Man...
MUR340 ETC-MUR340 Datasheet
170Kb / 2P
   Plastic High-Efficiency Rectifiers (Reverse Voltage 400 to 600V Forward Current 3.0A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com