Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA337EA Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA337EA
Description  MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA337EA Datasheet(HTML) 8 Page - Burr-Brown (TI)

  OPA337EA Datasheet HTML 1Page - Burr-Brown (TI) OPA337EA Datasheet HTML 2Page - Burr-Brown (TI) OPA337EA Datasheet HTML 3Page - Burr-Brown (TI) OPA337EA Datasheet HTML 4Page - Burr-Brown (TI) OPA337EA Datasheet HTML 5Page - Burr-Brown (TI) OPA337EA Datasheet HTML 6Page - Burr-Brown (TI) OPA337EA Datasheet HTML 7Page - Burr-Brown (TI) OPA337EA Datasheet HTML 8Page - Burr-Brown (TI) OPA337EA Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
®
OPA337, OPA2337
OPA338, OPA2338
Figure 4 shows a compensation technique using an inverting
configuration. The low frequency gain is set by the resistor
ratio while the high frequency gain is set by the capacitor
ratio. As with the noninverting circuit, for frequencies above
fC the gain must be greater than the recommended minimum
stable gain for the op amp.
The capacitor values shown are the nearest standard values.
Capacitor values may need to be adjusted slightly to opti-
mize performance. For more detailed information, consult
the OPA686 product data sheet.
Figure 5 shows the large-signal transient response using the
circuit given in Figure 4. As shown, the OPA338 is stable in
low gain applications and provides improved slew rate
performance when compared to the OPA337.
FIGURE 4. Inverting Compensation Circuit of OPA338 for
Low Gain.
OPA338
2
µs/div
FIGURE 5. G = 2, Slew-Rate Comparison of OPA338 and
OPA337.
OPA337
Resistors R1 and R2 are chosen to set the desired dc signal
gain. Then the value for C2 is determined as follows:
C2 = 1/(2πfCR2)
C1 is determined from the desired high frequency gain (GH):
C1 = (GH – 1) • C2
For a desired dc gain of 2 and high frequency gain of 10, the
following resistor and capacitor values result:
R1 = 10kΩ
C1 = 150pF
R2 = 5kΩ
C2 = 15pF
TYPICAL APPLICATION
Figure 6 shows the OPA2337 in a typical application. The
ADS7822 is a 12-bit, micro-power sampling analog-to-
digital converter available in the tiny MSOP-8 package. As
with the OPA2337, it operates with a supply voltage as
low as +2.7V. When used with the miniature SOT23-8
package of the OPA2337, the circuit is ideal for space-
limited and low power applications. In addition, OPA2337’s
high input impedance allows large value resistors to be
used which results in small physical capacitors, further
reducing circuit size. For further information, consult the
ADS7822 product data sheet.
C
2 =
, C
1 = (GH –1) • C2
1
2
πf
CR2
C
1
150pF
OPA338
V
IN
V
OUT
R
1
5k
R
2
10k
Where G
H is the high frequency gain,
G
H = 1 + C1/C2
Improved slew rate versus OPA337
(see Figure 5).
C
2
15pF


Similar Part No. - OPA337EA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA337EA/250 TI1-OPA337EA/250 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA337EA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA338NA250 TI1-OPA338NA250 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA2337EA3K TI1-OPA2337EA3K Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA337 TI1-OPA337_16 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Texas Instruments
OPA336 TI1-OPA336_17 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Burr-Brown (TI)
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336 Datasheet
275Kb / 8P
   SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Texas Instruments
OPA237 TI1-OPA237 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com