Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFM102 Datasheet(PDF) 7 Page - Leshan Radio Company

Part # HFM102
Description  Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

HFM102 Datasheet(HTML) 7 Page - Leshan Radio Company

  HFM102 Datasheet HTML 1Page - Leshan Radio Company HFM102 Datasheet HTML 2Page - Leshan Radio Company HFM102 Datasheet HTML 3Page - Leshan Radio Company HFM102 Datasheet HTML 4Page - Leshan Radio Company HFM102 Datasheet HTML 5Page - Leshan Radio Company HFM102 Datasheet HTML 6Page - Leshan Radio Company HFM102 Datasheet HTML 7Page - Leshan Radio Company HFM102 Datasheet HTML 8Page - Leshan Radio Company HFM102 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
标题Titile:
C. 标签要求label spec:
LRC标签label
ROHS标签
无卤标签 HF label
所有标签贴在卷盘负极 all the label on cathode side
overseas
13"卷盘内盒inner box
A处:贴LRC标签;
B处:贴ROHS标签
C处:贴无卤标签HF label
(无卤产品才贴HF only)
第 5
7"卷盘盒 inner box
Packaging specification of SMD
文件编号:
WI-258
塑封生产线SMD产品包装规范
第 3 版
第 0 次修改
2.2 国外客户
A
A
******
******
******
******
LRC产品型号 type
产品数量 quantity
产品生产日期
date
产品批号 LOT
Green
C
C
C


Similar Part No. - HFM102

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HFM102 RECTRON-HFM102 Datasheet
27Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Formosa MS
HFM102 FORMOSA-HFM102 Datasheet
69Kb / 2P
   Ultra fast recovery type
HFM102 FORMOSA-HFM102 Datasheet
36Kb / 2P
   Chip Silicon Rectifier - Fast recovery type
logo
WILLAS ELECTRONIC CORP
HFM102 WILLAS-HFM102 Datasheet
596Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
logo
Shenzhen Taychipst Elec...
HFM102 TAYCHIPST-HFM102 Datasheet
3Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
More results

Similar Description - HFM102

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SODHE101-SH LRC-SODHE101-SH Datasheet
315Kb / 11P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
US1A LRC-US1A Datasheet
242Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
1H8G LRC-1H8G Datasheet
423Kb / 7P
   Glass Passivated Junction High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SOD4007T-SH LRC-SOD4007T-SH Datasheet
310Kb / 11P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SOD4001T-SH LRC-SOD4001T-SH Datasheet
310Kb / 11P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FMAF407 LRC-FMAF407 Datasheet
223Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
HFMBF208 LRC-HFMBF208 Datasheet
217Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
HFM301 LRC-HFM301 Datasheet
204Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
HFMAF101 LRC-HFMAF101 Datasheet
241Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
HFM201 LRC-HFM201 Datasheet
188Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com