Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFM207 Datasheet(PDF) 9 Page - Leshan Radio Company

Part # FFM207
Description  Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FFM207 Datasheet(HTML) 9 Page - Leshan Radio Company

  FFM207 Datasheet HTML 1Page - Leshan Radio Company FFM207 Datasheet HTML 2Page - Leshan Radio Company FFM207 Datasheet HTML 3Page - Leshan Radio Company FFM207 Datasheet HTML 4Page - Leshan Radio Company FFM207 Datasheet HTML 5Page - Leshan Radio Company FFM207 Datasheet HTML 6Page - Leshan Radio Company FFM207 Datasheet HTML 7Page - Leshan Radio Company FFM207 Datasheet HTML 8Page - Leshan Radio Company FFM207 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
4. Update Record
版次
1
2
增加包装规范
周杰
2011-7-18
第一版
周杰
2011-3-11
FFM101 thru FFM107P
更新记录
更新作者
更新日期


Similar Part No. - FFM207

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FFM207 RECTRON-FFM207 Datasheet
24Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Formosa MS
FFM207 FORMOSA-FFM207 Datasheet
69Kb / 2P
   Fast recovery type
logo
List of Unclassifed Man...
FFM207 ETC2-FFM207 Datasheet
90Kb / 2P
   Plastic package has Underwriters Laboratory
logo
SHENZHEN YONGERJIA INDU...
FFM207 WINNERJOIN-FFM207 Datasheet
90Kb / 2P
   Underwriters Laboratory
logo
SUNMATE electronic Co.,...
FFM207 SUNMATE-FFM207 Datasheet
366Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
More results

Similar Description - FFM207

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
FFMA207 LRC-FFMA207 Datasheet
229Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FFMA201 LRC-FFMA201 Datasheet
229Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
RS2MBF LRC-RS2MBF Datasheet
253Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
RS2A LRC-RS2A Datasheet
386Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
RS2ABF LRC-RS2ABF Datasheet
253Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
S2A LRC-S2A Datasheet
291Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FMAF207 LRC-FMAF207 Datasheet
251Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
S2MBF LRC-S2MBF Datasheet
288Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FFMAF201 LRC-FFMAF201 Datasheet
314Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
EFMAF210 LRC-EFMAF210 Datasheet
242Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com