Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2682N Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA2682N
Description  Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2682N Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button OPA2682N Datasheet HTML 4Page - Burr-Brown (TI) OPA2682N Datasheet HTML 5Page - Burr-Brown (TI) OPA2682N Datasheet HTML 6Page - Burr-Brown (TI) OPA2682N Datasheet HTML 7Page - Burr-Brown (TI) OPA2682N Datasheet HTML 8Page - Burr-Brown (TI) OPA2682N Datasheet HTML 9Page - Burr-Brown (TI) OPA2682N Datasheet HTML 10Page - Burr-Brown (TI) OPA2682N Datasheet HTML 11Page - Burr-Brown (TI) OPA2682N Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
®
OPA2682
TYPICAL PERFORMANCE CURVES: VS = ±5V (Cont.)
G = +2 and RL = 100Ω, unless otherwise noted (see Figure 1).
2nd HARMONIC DISTORTION
vs FREQUENCY
–50
–60
–70
–80
–90
0.1
10
120
G = –1
G = +2
G = +1
V
O = 2Vp-p
Frequency (MHz)
HARMONIC DISTORTION
vs LOAD RESISTANCE
–50
–60
–70
–80
–90
10
100
1000
V
O = 2Vp-p
f
0 = 5MHz
R
L (Ω)
2nd Harmonic
3rd Harmonic
HARMONIC DISTORTION
vs OUTPUT VOLTAGE
Output Voltage (Vp-p)
–50
–60
–70
–80
–90
0.1
1
5
f = 5MHz
2nd Harmonic
3rd Harmonic
3rd HARMONIC DISTORTION
vs FREQUENCY
–50
–60
–70
–80
–90
0.1
10
120
G = –1
G = +2
G = +1
V
O = 2Vp-p
Frequency (MHz)
100
10
1
INPUT VOLTAGE AND CURRENT NOISE DENSITY
Frequency (Hz)
100
1k
10k
100k
1M
10M
Non-Inverting Input Current Noise
Inverting Input Current Noise
12.2pA/
√Hz
15.1pA/
√Hz
Voltage Noise
2.2nV/
√Hz
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
TWO-TONE, 3rd-ORDER
INTERMODULATION SPURIOUS
Single-Tone Load Power (dBm)
–8
–6
–4
–2
0246
8
10
dBc = dB below carriers
50MHz
20MHz
10MHz
Load Power at Matched 50
Ω Load


Similar Part No. - OPA2682N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2682N TI1-OPA2682N Datasheet
195Kb / 20P
[Old version datasheet]   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA2682N/2K5 TI1-OPA2682N/2K5 Datasheet
195Kb / 20P
[Old version datasheet]   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
More results

Similar Description - OPA2682N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2682 TI1-OPA2682 Datasheet
195Kb / 20P
[Old version datasheet]   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA3682 BURR-BROWN-OPA3682 Datasheet
234Kb / 19P
   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
OPA3693 BURR-BROWN-OPA3693 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA3693 BURR-BROWN-OPA3693_07 Datasheet
945Kb / 31P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com