Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2658UB Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA2658UB
Description  Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2658UB Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button OPA2658UB Datasheet HTML 3Page - Burr-Brown (TI) OPA2658UB Datasheet HTML 4Page - Burr-Brown (TI) OPA2658UB Datasheet HTML 5Page - Burr-Brown (TI) OPA2658UB Datasheet HTML 6Page - Burr-Brown (TI) OPA2658UB Datasheet HTML 7Page - Burr-Brown (TI) OPA2658UB Datasheet HTML 8Page - Burr-Brown (TI) OPA2658UB Datasheet HTML 9Page - Burr-Brown (TI) OPA2658UB Datasheet HTML 10Page - Burr-Brown (TI) OPA2658UB Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
®
OPA2658
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±5V, RL = 100Ω, RFB = 402Ω, unless otherwise noted.
10MHz HARMONIC DISTORTION vs OUTPUT SWING
Output Swing (Vp-p)
–60
–70
–80
–90
–100
0.01
0.1
2f
O
14V
10
3f
O
–60
–65
–70
–75
–80
–85
–75
–50
–25
0
25
50
75
100
125
Temperature (°C)
HARMONIC DISTORTION vs TEMPERATURE
(V
O = 2Vp-p, G = +2)
3f
O
2f
O
HARMONIC DISTORTION vs GAIN
(f
O = 5MHz, VO = 2Vp-p)
Non-Inverting Gain (V/V)
–50
–55
–60
–65
–70
–75
0
1
2
345
6
7
89
10
3f
O
2f
O
INPUT VOLTAGE AND CURRENT NOISE
vs FREQUENCY
Frequency (Hz)
100
10
1
102
103
104
105
106
107
Non-Inverting Noise
Inverting Current Noise
Voltage Noise


Similar Part No. - OPA2658UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2658UB TI1-OPA2658UB Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA2658UB/2K5 TI1-OPA2658UB/2K5 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2658UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA2694ID TI1-OPA2694ID Datasheet
706Kb / 28P
[Old version datasheet]   Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA694 TI1-OPA694 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA2681 TI1-OPA2681 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA694 BURR-BROWN-OPA694 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Texas Instruments
OPA2691 TI1-OPA2691 Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA4658 TI1-OPA4658 Datasheet
193Kb / 15P
[Old version datasheet]   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com