Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0995A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0995A
Description  SAW Filter 184.32MHz 5MHz BW (SMD 3.8횞3.8 mm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0995A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0995A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0995A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0995A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0995A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0995A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0995A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No.3, Industrial 2nd Rd., Ping-Chen Industrial District, Taoyuan, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales3@mail.taisaw.com Web: www.taisaw.com
SAW Filter 184.32MHz 5MHz BW (SMD 3.8×3.8 mm)
MODEL NO.: TB0995A
REV. NO.1
A. MAXIMUM RATING:
1. Operating temperature range: -30°C to 85°C
2. Storage temperature range: -40°C to 85°C
3. Input Power Level : 15 dBm
4. Maximum DC Voltage : 10V
B. Characteristics :
1. Ambient Temperature: 25 oC
Item
Unit
Min.
Type.
Max.
Center frequency, Fc
MHz
-
184.32
-
Insertion Loss, IL
dB
-
5.2
8.0
-1dB bandwidth
MHz
-
4.4
-
VSWR Fc+/- 1.5MHz
MHz
-
2.0
2.4
Passband Ripple Fc+/- 2.5MHz
dB
-
1.6
2.0
Attenuation:(Reference level from Min IL)
10MHz ~ 176.82MHz
dB
30
37
191.82MHz ~ 284.32MHz
dB
30
39
Temperature Coefficient
ppm/°C
-
-18
-
Source Impedance
Ohm
-
50
-
Load Impedance
Ohm
-
50
-
Note: Electrical characteristics shall be calculated with ideal capacitor and inductor.
RoHS Compliant
Lead free
Lead-free soldering
Electrostatic Sensitive Device


Similar Part No. - TB0995A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0995A GOLLEDGE-TB0995A Datasheet
88Kb / 5P
   SAW Filter 184.320MHz
More results

Similar Description - TB0995A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2495A TAI-SAW-TA2495A Datasheet
476Kb / 7P
   SAW Filter 353.5MHz SMD 3.8횞3.8 mm (BW=5MHz)
TB1176A TAI-SAW-TB1176A Datasheet
200Kb / 10P
   SAW Filter 184.32MHz 40MHz BW (SMD 7.0횞5.0 mm)
TB0210A TAI-SAW-TB0210A Datasheet
232Kb / 7P
   SAW Filter 374MHz 17MHz BW (SMD 3.8횞3.8 mm)
TA2681A TAI-SAW-TA2681A Datasheet
392Kb / 6P
   SAW Filter 622MHz SMD 3.8횞3.8 mm (BW=32MHz)
TA2418A TAI-SAW-TA2418A Datasheet
661Kb / 7P
   SAW Filter 482MHz SMD 3.8횞3.8 mm (BW=24MHz)
TB1118A TAI-SAW-TB1118A Datasheet
117Kb / 7P
   SAW Filter 810MHz 0.3MHz BW (SMD 3.8횞3.8 mm)
TB0397A TAI-SAW-TB0397A Datasheet
276Kb / 5P
   SAW Filter 374MHz (BW=4.0MHz) (SMD 3.8횞3.8 mm)
TB0910A TAI-SAW-TB0910A Datasheet
317Kb / 6P
   SAW Filter 400MHz 40MHz BW (SMD 3.8횞3.8 mm)
TA2682A TAI-SAW-TA2682A Datasheet
395Kb / 6P
   SAW Filter 654MHz SMD 3.8횞3.8 mm (BW=32MHz)
TB1361A TAI-SAW-TB1361A Datasheet
438Kb / 7P
   SAW Filter 612MHz SMD 3.8횞3.8 mm (BW=150KHz)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com