Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2244UA Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2244UA
Description  MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2244UA Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA2244UA Datasheet HTML 1Page - Burr-Brown (TI) OPA2244UA Datasheet HTML 2Page - Burr-Brown (TI) OPA2244UA Datasheet HTML 3Page - Burr-Brown (TI) OPA2244UA Datasheet HTML 4Page - Burr-Brown (TI) OPA2244UA Datasheet HTML 5Page - Burr-Brown (TI) OPA2244UA Datasheet HTML 6Page - Burr-Brown (TI) OPA2244UA Datasheet HTML 7Page - Burr-Brown (TI) OPA2244UA Datasheet HTML 8Page - Burr-Brown (TI) OPA2244UA Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
OPA244, 2244, 4244
®
OPA2244EA, PA, UA
PARAMETER
CONDITION
MIN
TYP(1)
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
VS = ±7.5V, VCM = 0
±0.7
±1.5
mV
TA = –40°C to 85°C
±2
mV
vs Temperature
dVOS/dT
TA = –40°C to 85°C
±4
µV/°C
vs Power Supply
PSRR
VS = +2.6V to +36V
5
50
µV/V
TA = –40°C to 85°C
VS = +2.6V to +36V
50
µV/V
Channel Separation
140
dB
INPUT BIAS CURRENT
Input Bias Current
IB
VCM = VS/2
–10
–25
nA
Input Offset Current
IOS
VCM = VS/2
±1
±10
nA
NOISE
Input Voltage Noise, f = 0.1kHz to 10kHz
0.4
µVp-p
Input Voltage Noise Density, f = 1kHz
en
22
nV/
√Hz
Current Noise Density, f = 1kHz
in
40
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
0
(V+) – 0.9
V
Common-Mode Rejection
CMRR
VS = ±18V, VCM = –18V to +17.1V
72
98
dB
TA = –40°C to 85°C
VS = ±18V, VCM = –18V to +17.1V
72
dB
INPUT IMPEDANCE
Differential
106 || 2
Ω || pF
Common-Mode
109 || 2
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
VO = 0.5V to (V+) – 0.9
86
106
dB
TA = –40°C to 85°C
VO = 0.5V to (V+) – 0.9
86
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
430
kHz
Slew Rate
SR
G = 1
–0.1/+0.16
V/
µs
Settling Time 0.01%
10V Step
150
µs
Overload Recovery Time
VIN • Gain = VS
8
µs
OUTPUT
Voltage Output, Positive
VO
AOL ≥ 80dB, RL = 20kΩ to VS/2
(V+) – 0.9
(V+) – 0.75
V
TA = –40°C to 85°C
AOL ≥ 80dB, RL = 20kΩ to VS/2
(V+) – 0.9
(V+) – 0.75
V
Voltage Output, Negative
AOL ≥ 80dB, RL = 20kΩ to VS/2
0.5
0.2
V
TA = –40°C to 85°C
AOL ≥ 80dB, RL = 20kΩ to VS/2
0.5
0.2
V
Voltage Output, Positive
AOL ≥ 80dB, RL = 20kΩ to Ground
(V+) – 0.75
V
TA = –40°C to 85°C
AOL ≥ 80dB, RL = 20kΩ to Ground
(V+) – 0.75
V
Voltage Output, Negative
AOL ≥ 80dB, RL = 20kΩ to Ground
0.1
V
TA = –40°C to 85°C
AOL ≥ 80dB, RL = 20kΩ to Ground
0.1
V
Short-Circuit Current
ISC
–25 /+12
mA
Capacitive Load Drive
CLOAD
See Typical Curve
POWER SUPPLY
Specified Voltage Range
VS
TA = –40°C to 85°C
+2.6
+36
V
Minimum Operating Voltage
+2.2
V
Quiescent Current (per amplifier)
IQ
IO = 0
40
50
µA
TA = –40°C to 85°C
IO = 0
63
µA
TEMPERATURE RANGE
Specified Range
–40
85
°C
Operating Range
–55
125
°C
Storage Range
–65
150
°C
Thermal Resistance
θ
JA
MSOP-8 Surface-Mount
200
°C/W
SO-8 Surface-Mount
150
°C/W
8-Pin DIP
100
°C/W
NOTE: (1) VS = +15V.
SPECIFICATIONS: VS = +2.6V to +36V
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C
At TA = +25°C, RL = 20kΩ connected to ground, unless otherwise noted.


Similar Part No. - OPA2244UA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA2244UA NSC-OPA2244UA Datasheet
1Mb / 26P
   MicroPower, Single-Supply MicroPower, Single-Supply MicroAmplifier ??Series
logo
Texas Instruments
OPA2244UA TI1-OPA2244UA Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
OPA2244UA/2K5 TI1-OPA2244UA/2K5 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
OPA2244UA/2K5G4 TI1-OPA2244UA/2K5G4 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA2244UA2K5 NSC-OPA2244UA2K5 Datasheet
1Mb / 26P
   MicroPower, Single-Supply MicroPower, Single-Supply MicroAmplifier ??Series
More results

Similar Description - OPA2244UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA336 TI1-OPA336_17 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Burr-Brown (TI)
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336 Datasheet
275Kb / 8P
   SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Texas Instruments
OPA237 TI1-OPA237 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237 Datasheet
217Kb / 10P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA237 TI-OPA237 Datasheet
176Kb / 12P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
OPA338NA250 TI1-OPA338NA250 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com