Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0895A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0895A
Description  SAW Filter 140MHz 51MHz BW (Dip 22횞12.6 mm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0895A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0895A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0895A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0895A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0895A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0895A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No.3, Industrial 2nd Rd., Ping-Chen Industrial District, Taoyuan, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales3@mail.taisaw.com Web: www.taisaw.com
SAW Filter 140MHz 51MHz BW (Dip 22×12.6 mm)
MODEL NO.: TB0895A
REV. NO.1
A. MAXIMUM RATING:
1. Operating temperature range: -40°C to 85°C
2. Storage temperature range: -40°C to 85°C
3. Input Power Level : 10 dBm
4. Maximum DC Voltage : 10V
B. Characteristics :
1. Ambient Temperature: 25
°
Item
Unit
Min.
Type.
Max.
Center frequency, Fc
MHz
-
140
-
Insertion Loss, IL
dB
-
30
32
-1.5dB bandwidth
MHz
49.5
50.7
-
-40dB bandwidth
MHz
-
52.5
54
Passband Ripple Fc+/-18MHz
MHz
-
0.6
1.0
Group Delay Variation Fc+/-18MHz
nsec
-
65
120
Absolute Delay
usec
-
1.7
2.2
Temp. Coefficient
ppm/˚C2
-
-94
-
Source Impedance
Ohm
-
50
-
Load Impedance
Ohm
-
50
-


Similar Part No. - TB0895A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0890A TAI-SAW-TB0890A Datasheet
293Kb / 6P
   SAW Filter 113MHz 1MHz BW (SMD 13.3횞6.5 mm)
logo
Golledge Electronics Lt...
TB0890A GOLLEDGE-TB0890A Datasheet
59Kb / 5P
   SAW Filter 113.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TB0891A TAI-SAW-TB0891A Datasheet
293Kb / 6P
   SAW Filter 168MHz 1MHz BW (SMD 5.0횞7.0 mm)
TB0892A TAI-SAW-TB0892A Datasheet
295Kb / 6P
   SAW Filter 343MHz 1MHz BW (SMD 5.0횞7.0 mm)
logo
Golledge Electronics Lt...
TB0892A GOLLEDGE-TB0892A Datasheet
59Kb / 5P
   SAW Filter 343.0MHz
More results

Similar Description - TB0895A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0964A TAI-SAW-TB0964A Datasheet
302Kb / 8P
   SAW Filter 140MHz 7.5MHz BW (SMD 5.0횞7.0 mm)
TB0966A TAI-SAW-TB0966A Datasheet
301Kb / 8P
   SAW Filter 140MHz 3.7MHz BW (SMD 5.0횞7.0 mm)
TB0963A TAI-SAW-TB0963A Datasheet
320Kb / 8P
   SAW Filter 140MHz 15MHz BW (SMD 5.0횞7.0 mm)
TB0965A TAI-SAW-TB0965A Datasheet
302Kb / 8P
   SAW Filter 140MHz 2MHz BW (SMD 5.0횞7.0 mm)
TB1163A TAI-SAW-TB1163A Datasheet
101Kb / 7P
   SAW Filter 140MHz 13MHz BW (SMD 7.0횞5.0 mm)
TB1148A TAI-SAW-TB1148A Datasheet
151Kb / 7P
   SAW Filter 140MHz 11MHz BW (SMD 13.3횞6.5 mm)
TB1167A TAI-SAW-TB1167A Datasheet
211Kb / 6P
   SAW Filter 140MHz 7.7MHz BW (SMD 20.0횞9.8 mm)
TB1149A TAI-SAW-TB1149A Datasheet
150Kb / 7P
   SAW Filter 140MHz 5.6MHz BW (SMD 13.3횞6.5 mm)
TB0894A TAI-SAW-TB0894A Datasheet
284Kb / 5P
   SAW Filter 106MHz 15MHz BW (Dip 22횞12.5 mm)
TB0320A TAI-SAW-TB0320A Datasheet
432Kb / 6P
   140MHz IF SAW Filter (BW=6 MHz)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com