Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0892A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0892A
Description  SAW Filter 343MHz 1MHz BW (SMD 5.0횞7.0 mm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0892A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0892A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0892A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0892A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0892A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0892A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0892A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No.3, Industrial 2nd Rd., Ping-Chen Industrial District, Taoyuan, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales3@mail.taisaw.com Web: www.taisaw.com
SAW Filter 343MHz 1MHz BW (SMD 5.0×7.0 mm)
MODEL NO.: TB0892A
REV. NO.1
A. MAXIMUM RATING:
1. Operating temperature range: -40°C to 85°C
2. Storage temperature range: -40°C to 85°C
3. Input Power Level : 10 dBm
4. Maximum DC Voltage : 10V
B. Characteristics :
1. Ambient Temperature: 25
°
Item
Unit
Min.
Type.
Max.
Center frequency, Fc
MHz
-
343
-
Insertion Loss, IL
dB
-
9.5
12
-1.5dB bandwidth
MHz
-
1.1
-
-40dB bandwidth
MHz
-
3.0
4.0
Passband Ripple Fc+/-100KHz
MHz
-
0.4
1.0
Group Delay Variation Fc+/-100KHz
nsec
-
130
170
Absolute Delay
usec
-
0.7
1.2
Temp. Coefficient
ppm/˚C2
-
-0.036
-
Source Impedance
Ohm
-
50
-
Load Impedance
Ohm
-
50
-
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TB0892A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0892A GOLLEDGE-TB0892A Datasheet
59Kb / 5P
   SAW Filter 343.0MHz
More results

Similar Description - TB0892A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0888A TAI-SAW-TB0888A Datasheet
293Kb / 6P
   SAW Filter 62MHz 1MHz BW (SMD 5.0횞7.0 mm)
TB0889A TAI-SAW-TB0889A Datasheet
295Kb / 6P
   SAW Filter 97MHz 1MHz BW (SMD 5.0횞7.0 mm)
TB0891A TAI-SAW-TB0891A Datasheet
293Kb / 6P
   SAW Filter 168MHz 1MHz BW (SMD 5.0횞7.0 mm)
TB0901A TAI-SAW-TB0901A Datasheet
340Kb / 7P
   SAW Filter 324MHz 30MHz BW (SMD 5.0횞7.0 mm)
TB0991A TAI-SAW-TB0991A Datasheet
289Kb / 6P
   SAW Filter 294.2MHz 20.5MHz BW (SMD 5.0횞7.0 mm)
TB0909A TAI-SAW-TB0909A Datasheet
334Kb / 6P
   SAW Filter 190MHz 4MHz BW (SMD 5.0횞7.0 mm)
TB0963A TAI-SAW-TB0963A Datasheet
320Kb / 8P
   SAW Filter 140MHz 15MHz BW (SMD 5.0횞7.0 mm)
TB0965A TAI-SAW-TB0965A Datasheet
302Kb / 8P
   SAW Filter 140MHz 2MHz BW (SMD 5.0횞7.0 mm)
TB0900A TAI-SAW-TB0900A Datasheet
347Kb / 7P
   SAW Filter 265.5MHz 29MHz BW (SMD 5.0횞7.0 mm)
TB0939A TAI-SAW-TB0939A Datasheet
287Kb / 6P
   SAW Filter 213.3MHz 7.0MHz BW (SMD 5.0횞7.0 mm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com