Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2541SM Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2541SM
Description  Dual High Power OPERATIONAL AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2541SM Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA2541SM Datasheet HTML 1Page - Burr-Brown (TI) OPA2541SM Datasheet HTML 2Page - Burr-Brown (TI) OPA2541SM Datasheet HTML 3Page - Burr-Brown (TI) OPA2541SM Datasheet HTML 4Page - Burr-Brown (TI) OPA2541SM Datasheet HTML 5Page - Burr-Brown (TI) OPA2541SM Datasheet HTML 6Page - Burr-Brown (TI) OPA2541SM Datasheet HTML 7Page - Burr-Brown (TI) OPA2541SM Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DESCRIPTION
The OPA2541 is a dual power operational amplifier
capable of operation from power supplies up to
±40V
and output currents of 5A continuous. With two mono-
lithic power amplifiers in a single package it provides
unequaled functional density.
The industry-standard 8-pin TO-3 package is isolated
from all internal circuitry allowing it to be mounted
directly to a heat sink without insulators which de-
grade thermal performance. Internal circuitry limits
output current to approximately 6A.
The OPA2541 is available in both industrial and
military temperature range versions.
Dual High Power
OPERATIONAL AMPLIFIER
FEATURES
q OUTPUT CURRENTS TO 5A
q POWER SUPPLIES TO
±40V
q FET INPUT
q ELECTRICALLY ISOLATED CASE
APPLICATIONS
q MOTOR DRIVER
q SERVO AMPLIFIER
q SYNCRO/RESOLVER EXCITATION
q VOICE COIL DRIVER
q BRIDGE AMPLIFIER
q PROGRAMMABLE POWER SUPPLY
q AUDIO AMPLIFIER
OPA2541
Out
(5, 1)
–V
S (6)
+V
S (2)
+In
(3, 7)
–In
(4, 8)
®
International Airport Industrial Park
Mailing Address: PO Box 11400
Tucson, AZ 85734
• Street Address: 6730 S. Tucson Blvd.
Tucson, AZ 85706
Tel: (520) 746-1111
Twx: 910-952-1111
Cable: BBRCORP
Telex: 066-6491
FAX: (520) 889-1510
Immediate Product Info: (800) 548-6132
©1987 Burr-Brown Corporation
PDS-768B
Printed in U.S.A. October, 1993


Similar Part No. - OPA2541SM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2541SM TI1-OPA2541SM Datasheet
207Kb / 13P
[Old version datasheet]   Dual High Power OPERATIONAL AMPLIFIER
OPA2541SMQ TI-OPA2541SMQ Datasheet
199Kb / 12P
[Old version datasheet]   Dual High Power OPERATIONAL AMPLIFIER
OPA2541SMQ TI1-OPA2541SMQ Datasheet
207Kb / 13P
[Old version datasheet]   Dual High Power OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2541SM

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK155 ANAREN-MSK155 Datasheet
349Kb / 6P
   HIGH POWER DUAL OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
OMA2541SK ETC-OMA2541SK Datasheet
58Kb / 4P
   DUAL HIGH POWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2541 TI1-OPA2541 Datasheet
207Kb / 13P
[Old version datasheet]   Dual High Power OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK155 MSK-MSK155 Datasheet
281Kb / 5P
   HIGH POWER DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2541SMQ TI-OPA2541SMQ Datasheet
199Kb / 12P
[Old version datasheet]   Dual High Power OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
L272 FAIRCHILD-L272 Datasheet
78Kb / 10P
   Dual Power Operational Amplifier
logo
ON Semiconductor
NCS5652 ONSEMI-NCS5652 Datasheet
317Kb / 13P
   Dual Power Operational Amplifier
June, 2015 ??Rev. 1
logo
Sanyo Semicon Device
LA6510_0611 SANYO-LA6510_0611 Datasheet
201Kb / 6P
   Dual Power Operational Amplifier
logo
Samsung semiconductor
KA9256 SAMSUNG-KA9256 Datasheet
80Kb / 2P
   DUAL POWER OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM272M STMICROELECTRONICS-LM272M Datasheet
111Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIER
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com