Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2541BM Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2541BM
Description  Dual High Power OPERATIONAL AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2541BM Datasheet(HTML) 6 Page - Burr-Brown (TI)

  OPA2541BM Datasheet HTML 1Page - Burr-Brown (TI) OPA2541BM Datasheet HTML 2Page - Burr-Brown (TI) OPA2541BM Datasheet HTML 3Page - Burr-Brown (TI) OPA2541BM Datasheet HTML 4Page - Burr-Brown (TI) OPA2541BM Datasheet HTML 5Page - Burr-Brown (TI) OPA2541BM Datasheet HTML 6Page - Burr-Brown (TI) OPA2541BM Datasheet HTML 7Page - Burr-Brown (TI) OPA2541BM Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
®
OPA2541
6
The internal current limit will not provide short-circuit
protection in most applications. When the amplifier output is
shorted to ground, the full power supply voltage is im-
pressed across the conducting output transistor. For in-
stance, with V
S = ±35V, a short circuit to ground would
impress 35V across the conducting power transistor. The
maximum safe output current at this voltage is 1.8A, so the
internal current limit would not protect the amplifier. The
unit-to-unit variation and temperature dependence of the
internal current limit suggest that it be used to handle
abnormal conditions and not activated in commonly encoun-
tered circuit operation.
Reactive, or EMF generating loads such as DC motors can
present demanding SOA requirements. With a purely reac-
tive load, output voltage current occurs when the output
voltage is zero and the voltage across the conducting transis-
tor is equal to the full power supply voltage. See Burr-
Brown Application Note AN-123 for further information on
evaluating SOA.
Applications with inductive or EMF-generating loads which
can produce “kick back” voltage surges to the amplifiers
should include clamp diodes from the output terminals to the
power supplies. These diodes should be chosen to limit the
peak amplifier output voltage surges to less than 2V beyond
the power supply rail voltage. Common 1A rated rectifier
diodes will suffice in most applications.
APPLICATIONS CIRCUITS
FIGURE 2. Clamping Output for EMF-Generating Loads.
0.1µF
0.1µF
+35V
–35V
A
V = 1 + R2/R1 = 5
R
2
10k
R
1
2.5k
V
IN
30pF
0.5
V
O
FIGURE 3. Isolating Capacitive Loads.
FIGURE 1. Safe Operating Area.
0.1µF
L
10µF
0.1µF
10µF
+V
S
+
–V
S
D
1
D
2
Inductive-
or EMF-
Generating
Load
D
1 – D2: IN4003
+
FIGURE 4. Paralleled Operation, Extended SOA.
A
V = –R2/R1 = –10
20pF
L
20pF
R
2
100k
R
1
10k
0.1
10k
0.1
B
Slave
A
Master
V
IN
10
1.0
0.1
1
100
|V
S – VOUT| (V)
SAFE OPERATING AREA
10
T
C = +25°C
T
C = +85°C
T
C = +125°C
*Depending on temperature, maximum output may
be restricted by internal current limit. See output
current specifications and typical curves.
*


Similar Part No. - OPA2541BM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2541BM TI1-OPA2541BM Datasheet
207Kb / 13P
[Old version datasheet]   Dual High Power OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2541BM

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK155 ANAREN-MSK155 Datasheet
349Kb / 6P
   HIGH POWER DUAL OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
OMA2541SK ETC-OMA2541SK Datasheet
58Kb / 4P
   DUAL HIGH POWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2541 TI1-OPA2541 Datasheet
207Kb / 13P
[Old version datasheet]   Dual High Power OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK155 MSK-MSK155 Datasheet
281Kb / 5P
   HIGH POWER DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2541SMQ TI-OPA2541SMQ Datasheet
199Kb / 12P
[Old version datasheet]   Dual High Power OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
L272 FAIRCHILD-L272 Datasheet
78Kb / 10P
   Dual Power Operational Amplifier
logo
ON Semiconductor
NCS5652 ONSEMI-NCS5652 Datasheet
317Kb / 13P
   Dual Power Operational Amplifier
June, 2015 ??Rev. 1
logo
Sanyo Semicon Device
LA6510_0611 SANYO-LA6510_0611 Datasheet
201Kb / 6P
   Dual Power Operational Amplifier
logo
Samsung semiconductor
KA9256 SAMSUNG-KA9256 Datasheet
80Kb / 2P
   DUAL POWER OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM272M STMICROELECTRONICS-LM272M Datasheet
111Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIER
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com