Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA234 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA234
Description  Low Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA234 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA234 Datasheet HTML 1Page - Burr-Brown (TI) OPA234 Datasheet HTML 2Page - Burr-Brown (TI) OPA234 Datasheet HTML 3Page - Burr-Brown (TI) OPA234 Datasheet HTML 4Page - Burr-Brown (TI) OPA234 Datasheet HTML 5Page - Burr-Brown (TI) OPA234 Datasheet HTML 6Page - Burr-Brown (TI) OPA234 Datasheet HTML 7Page - Burr-Brown (TI) OPA234 Datasheet HTML 8Page - Burr-Brown (TI) OPA234 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
OPA234, OPA2234, OPA4234
3
SBOS055B
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +2.7V
At TA = 25°C, VS = +2.7V, RL = 10kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
OPA234U, E
OPA2234U
OPA234UA, EA
OPA2234UA
OPA4234UA, U
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
VCM = 1.35V
±40
±100
±250
µV
OPA234E, EA
±100
±150
±350
µV
vs Temperature(1)
dVOS/dT
Operating Temperature Range
±0.5
±3
✻✻
µV/°C
vs Power Supply
PSRR
VS = +2.7V to +30V, VCM = 1.7V
3
10
20
µV/V
vs Time
0.2
µV/mo
Channel Separation (Dual, Quad)
0.3
µV/V
INPUT BIAS CURRENT
Input Bias Current(2)
IB
VCM = 1.35V
–15
–30
–50
nA
Input Offset Current
IOS
VCM = 1.35V
±1
±5
✻✻
n
NOISE
f = 1kHz
Input Voltage Noise Density
vn
25
nV/
√Hz
Current Noise Density
in
80
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
–0.1
(V+) –1
✻✻
V
Common-Mode Rejection
CMRR
VCM = –0.1V to 1.7V
91
106
86
dB
INPUT IMPEDANCE
Differential
107 || 5
Ω || pF
Common-Mode
VCM = 1.35V
1010 || 6
Ω || pF
OPEN-LOOP GAIN
VO = 0.25V to 1.7V
Open-Loop Voltage Gain
AOL
RL = 10kΩ
108
125
100
dB
RL = 2kΩ
86
96
86
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
CL = 100pF
0.35
MHz
Slew Rate
SR
0.2
V/
µs
Settling Time: 0.1%
G = 1, 1V Step, CL = 100pF
6
µs
0.01%
G = 1, 1V Step, CL = 100pF
16
µs
Overload Recovery Time
(VIN) (Gain) = VS
8
µs
OUTPUT
Voltage Output: Positive
RL = 10kΩ to VS/2
(V+) –1
(V+) –0.6
✻✻
V
Negative
RL = 10kΩ to VS/2
0.25
0.05
✻✻
V
Positive
RL = 10kΩ to Ground
(V+) –1
(V+) –0.65
✻✻
V
Negative
RL = 10kΩ to Ground
0.1
0.05
✻✻
V
Short-Circuit Current
ISC
±8
mA
Capacitive Load Drive (Stable Operation)(3)
G = +1
1000
pF
POWER SUPPLY
Specified Operating Voltage
+2.7
V
Operating Voltage Range
+2.7
+36
✻✻
V
Quiescent Current (per amplifier)
IQ
IO = 0
250
300
✻✻
µA
TEMPERATURE RANGE
Specified Range
–40
+85
✻✻
°C
Operating Range
–40
+125
✻✻
°C
Storage
–55
+125
✻✻
°C
Thermal Resistance
θ
JA
8-Pin DIP
100
°C/W
SO-8 Surface-Mount
150
°C/W
MSOP-8 Surface-Mount
220
°C/W
14-Pin DIP
80
°C/W
SO-14 Surface-Mount
110
°C/W
✻ Specifications same as OPA234U, E.
NOTES: (1) Wafer-level tested to 95% confidence level. (2) Positive conventional current flows into the input terminals. (3) See
Small-Signal Overshoot vs Load
Capacitance typical curve.


Similar Part No. - OPA234

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
671Kb / 19P
   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA234 TI-OPA234 Datasheet
1Mb / 22P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA234 TI1-OPA234 Datasheet
1Mb / 23P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2340 BURR-BROWN-OPA2340 Datasheet
348Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA2340 BURR-BROWN-OPA2340 Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
More results

Similar Description - OPA234

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA234 TI1-OPA234 Datasheet
1Mb / 23P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA4234PA TI-OPA4234PA Datasheet
1Mb / 22P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA2234M TI1-OPA2234M Datasheet
964Kb / 19P
[Old version datasheet]   LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
671Kb / 19P
   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2234M TI-OPA2234M_15 Datasheet
928Kb / 20P
[Old version datasheet]   LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP727 AD-OP727_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
   Low Power, Single Supply Operational Amplifiers
1996 REV 0
logo
Analog Devices
OP747 AD-OP747_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
OP727ARZ AD-OP727ARZ Datasheet
177Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com