Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2111AM Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA2111AM
Description  Dual Low Noise Precision Difet OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2111AM Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA2111AM Datasheet HTML 1Page - Burr-Brown (TI) OPA2111AM Datasheet HTML 2Page - Burr-Brown (TI) OPA2111AM Datasheet HTML 3Page - Burr-Brown (TI) OPA2111AM Datasheet HTML 4Page - Burr-Brown (TI) OPA2111AM Datasheet HTML 5Page - Burr-Brown (TI) OPA2111AM Datasheet HTML 6Page - Burr-Brown (TI) OPA2111AM Datasheet HTML 7Page - Burr-Brown (TI) OPA2111AM Datasheet HTML 8Page - Burr-Brown (TI) OPA2111AM Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
®
OPA2111
2
SPECIFICATIONS
ELECTRICAL
At VCC = ±15VDC and TA = +25°C unless otherwise noted
.
OPA2111AM
OPA2111BM
OPA2111SM
OPA2111KM, KP
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT NOISE
Voltage, fO = 10Hz
100% Tested
40
80
30
60
40
80
40
nV/
√Hz
fO = 100Hz
100% Tested
15
40
11
30
15
40
15
nV/
√Hz
fO = 1kHz
100% Tested
8
15
7
12
8
15
8
nV/
√Hz
fO = 10kHz
(1)
6
8
68
68
6
nV/
√Hz
fB = 10Hz to 10kHz
(1)
0.7
1.2
0.6
1
0.7
1.2
0.7
µVrms
fB = 0.1Hz to 10Hz
(1)
1.6
3.3
1.2
2.5
1.6
3.3
1.6
µVp-p
Current, fB = 0.1Hz to 10Hz
(1)
15
24
12
19
15
24
15
fAp-p
fO = 0.1Hz to 20kHz
(1)
0.8
1.3
0.6
1
0.8
1
0.8
fA/
√Hz
OFFSET VOLTAGE(2)
Input Offset Voltage
VCM = 0VDC
±0.1
±0.75
±0.05
±0.5
±0.1
±0.75
±0.3
±2mV
Average Drift
TA = TMIN to TMAX
±2
±6
±0.5
±2.8
±2
±6
±8
±15
µV/°C
Match
±1
±0.5
2
2
µV/°C
Supply Rejection
90
110
96
110
90
110
86
110
dB
±3
±31
±3
±16
±3
±31
±3
±50
µV/V
Channel Separation
100Hz, RL = 2kΩ
136
136
136
136
dB
BIAS CURRENT(2)
Input Bias Current
VCM = 0VDC
±2
±8
±1.2
±4
±2
±8
±3
±15
pA
Match
±1
±0.5
±12
pA
OFFSET CURRENT(2)
Input Offset Current
VCM = 0VDC
±1.2
±6
±0.6
±3
±1.2
±6
±3
±12
pA
IMPEDANCE
Differential
1013 || 1
1013 || 1
1013 || 1
1013 || 1
Ω || pF
Common-Mode
1014 || 3
1014 || 3
1014 || 3
1014 || 3
Ω || pF
VOLTAGE RANGE
Common-Mode Input Range
±10
±11
±10
±11
±10
±11
±10
±11
V
Common-Mode Rejection
VIN = ±10VDC
90
110
96
110
90
110
82
110
dB
OPEN-LOOP GAIN, DC
Open-Loop Voltage Gain
RL ≥ 2kΩ
110
125
114
125
110
125
106
125
dB
Match
3
2
3
3
dB
FREQUENCY RESPONSE
Unity Gain, Small Signal
2
2
2
2
MHz
Full Power Response
20Vp-p, RL = 2kΩ
16
32
16
32
16
32
32
kHz
Slew Rate
VO = ±10V, RL = 2kΩ
1
2
12
12
2
V/
µs
Settling Time, 0.1%
Gain = –1, RL = 2kΩ
66
6
6
µs
0.01%
10V Step
10
10
10
10
µs
Overload Recovery,
50% Overdrive(3)
Gain = –1
5
5
5
5
µs
RATED OUTPUT
Voltage Output
RL = 2kΩ±10
±11
±10
±11
±10
±11
±10
±11
V
Current Output
VO = ±10VDC
±5
±10
±5
±10
±5
±10
±5
±10
mA
Output Resistance
DC, Open-Loop
100
100
100
100
Load Capacitance Stability
Gain = +1
1000
1000
1000
1000
pF
Short Circuit Current
10
40
10
40
10
40
10
40
mA
POWER SUPPLY
Rated Voltage
±15
±15
±15
±15
VDC
Voltage Range, Derated
Performance
±5
±18
±5
±18
±5
±18
±5
±18
VDC
Current, Quiescent
IO = 0mADC
5
7
5
7
5
7
5
9
mA
TEMPERATURE RANGE
Specification
Ambient Temp.
–25
+85
–25
+85
–55
+125
0
+70
°C
Operating “M” Package
Ambient Temp.
–55
+125
–55
+125
–55
+125
–55
+125
°C
“P” Package
–40
+85
°C
Storage “M” Package
Ambient Temp.
–65
+150
–65
+150
–65
+150
–65
+150
°C
“P” Package
–40
+85
°C
θ Junction-Ambient
200
200
200
200(4)
°C/W
NOTES: (1) Sample tested—this parameter is guaranteed. (2) Offset voltage, offset current, and bias current are measured with the units fully warmed up. (3) Overload
recovery is defined as the time required for the output to return from saturation to linear operation following the removal of a 50% input overdrive. (4) Typical
θ
J-A =
150
°C/W for plastic DIP.


Similar Part No. - OPA2111AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2111AM TI1-OPA2111AM Datasheet
198Kb / 15P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2111AM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
   Precision Dual Difet Operational Amplifier
OPA121 BURR-BROWN-OPA121 Datasheet
91Kb / 6P
   Low Cost Precision Difet OPERATIONAL AMPLIFIER
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
logo
Analog Devices
OP270GPZ AD-OP270GPZ Datasheet
425Kb / 20P
   Dual Very Low Noise Precision Operational Amplifier
Rev. E
OP270 AD-OP270_17 Datasheet
383Kb / 21P
   Dual Very Low Noise Precision Operational Amplifier
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222 Datasheet
65Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
January 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com