Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SODJ10CASH Datasheet(PDF) 6 Page - Leshan Radio Company

Part # SODJ10CASH
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SODJ10CASH Datasheet(HTML) 6 Page - Leshan Radio Company

  SODJ10CASH Datasheet HTML 1Page - Leshan Radio Company SODJ10CASH Datasheet HTML 2Page - Leshan Radio Company SODJ10CASH Datasheet HTML 3Page - Leshan Radio Company SODJ10CASH Datasheet HTML 4Page - Leshan Radio Company SODJ10CASH Datasheet HTML 5Page - Leshan Radio Company SODJ10CASH Datasheet HTML 6Page - Leshan Radio Company SODJ10CASH Datasheet HTML 7Page - Leshan Radio Company SODJ10CASH Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Reel packing
5.Suggested thermal profile for soldering process
1. Storage environment:Temperature=5~40℃ Humidity=55±25%
2. Reflow soldering of surface-mount device
3. Reflow soldering
SODJ***(C)A-SH
SOD123-FL
7"
3,000
4.0
30,000
183*183*123
178
382*262*387
240,000
8.7
BOX
(pcs)
INNER BOX
(mm)
REEL DIA.
(mm)
CARTON
SIZE
(mm)
CARTON
(PCS)
APPOX.
GROSS
WEIGHT
(kg)
PACKAGE
REEL SIZE
REEL
(PCS)
COMPONENT
SPACING
(mm)
Profile Feature
Soldering Condition
10~30sec
Average ramp-up rate(TL to TP)
<3℃/sec
Preheat
- Temperature Min(Tsmin)
- Temperature Max(Tsmax)
- Time(min to max)(ts)
150℃
200℃
60~120sec
Tsmax to TL
- Ramp-up Rate
<3sec
Ramp-down Rate
<6℃/sec
Time 25℃ to Peak Temperature
<6minutes
Time maintained above:
- Temperature (TL)
- Time(tL)
217℃
60-260sec
Peak Temperature(TP)
255 -0/+5℃
Time within 5℃ of actual Peak
Temperature(TP)


Similar Part No. - SODJ10CASH

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SODJ10CA SUNMATE-SODJ10CA Datasheet
482Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
More results

Similar Description - SODJ10CASH

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com