Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4130 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA4130
Description  Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA4130 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA4130 Datasheet HTML 1Page - Burr-Brown (TI) OPA4130 Datasheet HTML 2Page - Burr-Brown (TI) OPA4130 Datasheet HTML 3Page - Burr-Brown (TI) OPA4130 Datasheet HTML 4Page - Burr-Brown (TI) OPA4130 Datasheet HTML 5Page - Burr-Brown (TI) OPA4130 Datasheet HTML 6Page - Burr-Brown (TI) OPA4130 Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
OPA130, 2130, 4130
®
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, and RL = 10kΩ, unless otherwise noted.
MAXIMUM OUTPUT VOLTAGE
vs FREQUENCY
1M
Frequency (Hz)
10k
100k
30
25
20
15
10
5
0
V
S = ±2.25V
V
S = ±5V
Maximum output voltage
without slew-rate induced
distortion
V
S = ±15V
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
Offset Voltage (µV)
15
10
5
0
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (µV/°C)
20
18
16
14
12
10
8
6
4
2
0
A
OL, CMR, PSR vs TEMPERATURE
Ambient Temperature (°C)
140
130
120
110
100
–75
–50
–25
0
25
50
75
100
125
CMR
Open-Loop
Gain
PSR
QUIESCENT CURRENT AND SHORT-CIRCUIT CURRENT
vs TEMPERATURE
Temperature (°C)
0.65
0.60
0.55
0.50
0.45
0.40
0.35
40
35
30
25
20
15
10
–75
–50
–25
0
25
50
75
100
125
I
SC
+
I
Q
I
SC
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
Frequency (Hz)
0.1
0.01
0.001
0.0001
100
1k
10k
100k
G = +1
G = +10
R
L = 10kΩ
R
L = 2kΩ


Similar Part No. - OPA4130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4130 TI-OPA4130 Datasheet
698Kb / 16P
[Old version datasheet]   Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
OPA4130PA TI-OPA4130PA Datasheet
698Kb / 16P
[Old version datasheet]   Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
OPA4130UA TI-OPA4130UA Datasheet
698Kb / 16P
[Old version datasheet]   Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
OPA4130UA/2K5 TI-OPA4130UA/2K5 Datasheet
698Kb / 16P
[Old version datasheet]   Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
OPA4130UA/2K5E4 TI-OPA4130UA/2K5E4 Datasheet
698Kb / 16P
[Old version datasheet]   Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA130 TI-OPA130_07 Datasheet
698Kb / 16P
[Old version datasheet]   Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJM062C NJRC-NJM062C Datasheet
4Mb / 21P
   LOW-POWER J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
logo
List of Unclassifed Man...
PA07A ETC-PA07A Datasheet
64Kb / 4P
   FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA07 APEX-PA07 Datasheet
247Kb / 4P
   FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Analog Devices
ADA4000-1 AD-ADA4000-1_09 Datasheet
420Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. A
ADA4000-1 AD-ADA4000-1_07 Datasheet
476Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. 0
ADA4000-1 AD-ADA4000-1_16 Datasheet
578Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
logo
Texas Instruments
TL071 TI-TL071_V05 Datasheet
5Mb / 90P
[Old version datasheet]   TL07xx Low-Noise FET-Input Operational Amplifiers
logo
New Japan Radio
NJM072C NJRC-NJM072C Datasheet
1Mb / 21P
   LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
logo
Texas Instruments
TL071 TI-TL071_V03 Datasheet
5Mb / 84P
[Old version datasheet]   TL07xx Low-Noise FET-Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com