Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

44521 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 44521
Description  Professional Quality ESD Tweezers ESD SAFE ??STATIC DISSIPATIVE ??HYPO ALLERGENIC COATED ??TEXTURED GRIPPING SURFACE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

44521 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  44521 Datasheet HTML 1Page - List of Unclassifed Manufacturers 44521 Datasheet HTML 2Page - List of Unclassifed Manufacturers 44521 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.wihatools.com
Wiha Quality Tools
Germany
165
Item No.
Description
wt.
466 16
8b SA SMD - 120mm
.08
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Item No.
Description
wt.
466 11
11SA SMD - 117mm
.08
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
MicroTip 30O Bend &
0.5mm Slot Milled
Item No.
Description
wt.
466 12
12SA SMD - 120mm
.08
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
MicroTip 40O Hook 1x1x2mm Long
Item No.
Description
wt.
466 15
8SA SMD - 120mm
.08
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
MicroTip Straight & 0.5mm Slot Milled
Item No.
Description
wt.
466 13
13 SA SMD - 120mm
.08
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
MicroTip 40O Hook 1.6x1x1mm Wide
MicroTip 30O Bent &
Angled With 0.5 Slot
Item No.
Description
wt.
466 19
19 SA SMD - 120mm
.08
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
MicroTip Bent 30O - 1.6mm
Microscopy Tweezers
Item No.
Description
wt.
445 30
59 SA-SMD ESD - 117mm .08
Static dissipative, ESD Safe hypo allergenic tweezers
made from Vommaloy. Special stainless steel,
anti-magnetic and acid resistant.
Flat Bent 35O, 2mm
Diameter Grip Radius
Item No.
Description
wt.
445 33
7 SA ESD - 120mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers
made from Vommaloy. Special stainless steel,
anti-magnetic and acid resistant.
Angled & Slightly Bent
With Extra Fine Tips
Item No.
Description
wt.
445 32
00 SA ESD - 120mm
.09
Static dissipative, ESD Safe hypo allergenic tweezers
made from Vommaloy. Special stainless steel,
anti-magnetic and acid resistant.
Heavy Duty Strong Tweezers
Tapered To Strong Point
Item No.
Description
wt.
445 31
1 SA ESD - 120mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers
made from Vommaloy. Special stainless steel,
anti-magnetic and acid resistant.
ESD Safe General Purpose
Fine Point
Item No.
Description
wt.
445 29
8b SA ESD - 120mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers
made from Vommaloy. Special stainless steel,
anti-magnetic and acid resistant.
MicroTip Bent 30O 1.6mm
Item No.
Description
wt.
445 28
5bb SA ESD - 107mm
.08
Static dissipative, ESD Safe hypo allergenic tweezers
made from Vommaloy. Special stainless steel,
anti-magnetic and acid resistant.
Extra Fine Points Bent
30O, 3mm Long Tips
Uncoated
Coated
Go To
Image Index
Go To
Numerical Index
I
N
D
E
X
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 44521

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
4452 FESTO-4452 Datasheet
91Kb / 1P
   Pushbutton valve
logo
Molex Electronics Ltd.
44520-0001 MOLEX6-44520-0001 Datasheet
324Kb / 4P
   Modular Jack, Right Angle, Shielded, Stacked, 8/8, 8 Ports
44520-0002 MOLEX6-44520-0002 Datasheet
324Kb / 4P
   Modular Jack, Right Angle, Shielded, Stacked, 8/8, 12 Ports
44520-0003 MOLEX6-44520-0003 Datasheet
324Kb / 4P
   Modular Jack, Right Angle, Shielded, Stacked, 8/8, 16 Ports
44520-0004 MOLEX6-44520-0004 Datasheet
324Kb / 4P
   Modular Jack, Right Angle, Shielded, Stacked, 8/8, 8 Ports
More results

Similar Description - 44521

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
49783 ETC2-49783 Datasheet
259Kb / 3P
   Professional Quality Tweezers
logo
SparkFun Electronics
TOL-10603 SPARKFUN-TOL-10603 Datasheet
99Kb / 1P
   Tweezers ??Straight (ESD Safe)
5??6??7
TOL-10602 SPARKFUN-TOL-10602 Datasheet
107Kb / 1P
   Tweezers ??Curved (ESD Safe)
5??6??7
TOL-12572 SPARKFUN-TOL-12572 Datasheet
75Kb / 1P
   Tweezers - Curved (cross-lock, ESD Safe)
5??5??7
TOL-12573 SPARKFUN-TOL-12573 Datasheet
68Kb / 1P
   Tweezers - Straight (cross-lock, ESD Safe)
5??5??7
logo
List of Unclassifed Man...
T2301 ETC1-T2301 Datasheet
473Kb / 9P
   A range of professional quality tweezers
47200 ETC-47200 Datasheet
531Kb / 1P
   ESD DISSIPATIVE TURNTABLE
June 2016
logo
IDEAL-TEK SA
15AGWM.C.D.0 IDEAL-TEK-15AGWM.C.D.0 Datasheet
262Kb / 1P
   Diamond coated Tweezers
15ARWM.C.D.0 IDEAL-TEK-15ARWM.C.D.0 Datasheet
260Kb / 1P
   Diamond coated Tweezers
logo
List of Unclassifed Man...
47511 ETC2-47511 Datasheet
67Kb / 1P
   Dissipative Card Holder, With ESD Susceptibility Symbol
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com