Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0790A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0790A
Description  SAW Filter 145MHz 0.05MHz BW (SMD 13.3횞6.5 mm)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0790A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0790A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0790A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0790A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0790A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0790A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0790A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0790A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No.3, Industrial 2nd Rd., Ping-Chen Industrial District, Taoyuan, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales3@mail.taisaw.com Web: www.taisaw.com
SAW Filter 145MHz 0.05MHz BW (SMD 13.3×6.5 mm)
MODEL NO.: TB0790A
Rev No.1
A. MAXIMUM RATING:
1. Operating temperature range: -40°C to 65°C
2. Storage temperature range: -40°C to 85°C
3. Input Power Level : 10 dBm
4. Maximum DC Voltage : 10V
B. Characteristics :
ELECTRICAL PARAMETERS
VALUE
Parameter
Sign
Units
MIN
TYP
MAX
Central Frequency
F0
MHz
-
145
-
Insertion Loss
IL
dB
-
3.0
3.5
-0.5 dB Pass Bandwidth
BW1
MHz 0.050 0.068
-
-3 dB Pass Bandwidth
BW3
MHz
-
0.098 0.140
-40 dB Pass Bandwidth
BW40
MHz
-
0.28
0.38
Amplitude Ripple Fc+/- 0.02MHZ
AR
dB
-
0.3
0.5
Input/Output VSWR at Fo
VSWR
-
-
1.2
1.7
Relative Attenuation
DC ~ 144.6MHz
UR
dB
50
70
-
145.4MHz ~ 290MHz
UR
dB
50
60
-
290MHz ~ 435MHz
UR
dB
50
70
-
Source and Load Impedances
RS/RL
Ohm
50
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TB0790A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0790A GOLLEDGE-TB0790A Datasheet
83Kb / 6P
   SAW Filter 145MHz
More results

Similar Description - TB0790A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1013A TAI-SAW-TB1013A Datasheet
327Kb / 7P
   SAW Filter 183 MHz 0.05MHz BW (SMD 3.8횞3.8 mm)
TB0887A TAI-SAW-TB0887A Datasheet
345Kb / 6P
   SAW Filter 55MHz 0.5MHz BW (SMD 13.3횞6.5 mm)
TB0479A TAI-SAW-TB0479A Datasheet
362Kb / 6P
   SAW Filter 96MHz 1.6MHz BW (SMD 13.3횞6.5 mm)
TB1046A TAI-SAW-TB1046A Datasheet
345Kb / 7P
   SAW Filter 304MHz 4MHz BW (SMD 13.3횞6.5 mm)
TB0184B TAI-SAW-TB0184B Datasheet
185Kb / 6P
   SAW Filter 70MHz 3.5MHz BW (SMD 13.3횞6.5 mm)
TB1154A TAI-SAW-TB1154A Datasheet
144Kb / 7P
   SAW Filter 148MHz 21.59MHz BW (SMD 13.3횞6.5 mm)
TB1188A TAI-SAW-TB1188A Datasheet
231Kb / 10P
   SAW Filter 241MHz 0.2MHz BW (SMD 13.3횞6.5 mm)
TB1235A TAI-SAW-TB1235A Datasheet
351Kb / 7P
   SAW Filter 120MHz 13.84MHz BW (SMD 13.3횞6.5 mm)
TB0885A TAI-SAW-TB0885A Datasheet
305Kb / 7P
   SAW Filter 77.5MHz 1MHz BW (SMD 13.3횞6.5 mm)
TB1093A TAI-SAW-TB1093A Datasheet
141Kb / 7P
   SAW Filter 181MHz 50MHz BW (SMD 13.3횞6.5 mm)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com