Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA137 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA137
Description  LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA137 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA137 Datasheet HTML 1Page - Burr-Brown (TI) OPA137 Datasheet HTML 2Page - Burr-Brown (TI) OPA137 Datasheet HTML 3Page - Burr-Brown (TI) OPA137 Datasheet HTML 4Page - Burr-Brown (TI) OPA137 Datasheet HTML 5Page - Burr-Brown (TI) OPA137 Datasheet HTML 6Page - Burr-Brown (TI) OPA137 Datasheet HTML 7Page - Burr-Brown (TI) OPA137 Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
®
OPA137, 2137, 4137
SPECIFICATIONS: VS = ±15V
At TA = +25°C, RL = 10kΩ connected to ground, unless otherwise noted.
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C.
OPA137N, U, P
OPA137NA, UA, PA
OPA2137E, U, P
OPA2137EA, UA, PA
OPA4137U, P
OPA4137UA, PA
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
±1.5
±3
±2.5
±10
mV
TA = –40°C to +85°C
±2.5
±7
±3.5
±15
mV
vs Temperature
dVOS/dT
TA = –40°C to +85°C
±15
T
µV/°C
vs Power Supply
PSRR
VS = ±3V to ±18V
±90
±250
TT
µV/V
TA = –40°C to +85°C
±250
T
µV/V
Channel Separation (dual, quad)
dc
0.6
T
µV/V
INPUT BIAS CURRENT
VCM = 0V
Input Bias Current
IB
±5
±100
TT
pA
vs Temperature
See Typical Curve
T
Input Offset Current
IOS
±2
±50
TT
pA
NOISE
Input Voltage Noise, f = 0.1 to 10Hz
2
T
µVp-p
Input Voltage Noise Density, f = 1kHz
en
45
T
nV/
√Hz
Current Noise Density, f = 1kHz
in
1.2
T
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V–) + 3
(V+)
TT
V
Common-Mode Rejection Ratio
CMRR
VCM = –12V to 15V
OPA137, OPA2137
76
84
70
T
dB
OPA4137
74
84
70
T
dB
TA = –40°C to +85°C
VCM = –12V to 15V
OPA137, OPA2137
72
70
dB
OPA4137
70
70
dB
INPUT IMPEDANCE
Differential
1010 || 1
T
Ω || pF
Common-Mode
1012 || 2
T
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
VO = –13.8V to 13.9V
86
94
TT
dB
TA = –40°C to +85°C
VO = –13.8V to 13.9V
86
T
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
1
T
MHz
Slew Rate
SR
G = 1
3.5
T
V/
µs
Settling Time, 0.1%
G = 1, 10V Step, CL = 100pF
8
T
µs
0.01%
G = 1, 10V Step, CL = 100pF
10
T
µs
Overload Recovery Time
VIN • G = VS
1
T
µs
Total Harmonic Distortion + Noise
THD+N
G = 1, f = 1kHz, 3.5Vrms
0.05
T
%
OUTPUT
Voltage Output
VOUT
(V–) + 1.2
(V+) – 1.1
TT
V
TA = –40°C to +85°C
(V–) + 1.2
(V+) – 1.1
TT
V
Short-Circuit Current
ISC
–25/+60
T
mA
Capacitive Load Drive
CLOAD
1000
T
pF
POWER SUPPLY
Specified Operating Range
VS
±15
T
V
Operating Voltage Range
Dual Supplies
±2.25(1)
±18
TT
V
Single Supply
+4.5
+36
TT
V
Quiescent Current
IQ
IO = 0
±220
±270
TT
µA
TA = –40°C to +85°C
IO = 0
±375
T
µA
TEMPERATURE RANGE
Specified Range
–40
+85
TT
°C
Operating Range
–55
+125
TT
°C
Storage Range
–55
+125
TT
°C
Thermal Resistance
θ
JA
SOT-23-5 Surface Mount
200
T
°C/W
MSOP-8 Surface Mount
150
T
°C/W
SO-8 Surface Mount
150
T
°C/W
8-Pin DIP
100
T
°C/W
SO-14 Surface Mount
100
T
°C/W
14-Pin DIP
80
T
°C/W
T Specifications the same as OPA137N, U, P.
NOTE: (1) At minimum power supply voltage inputs must be biased above ground in accordance with common-mode voltage range restrictions—see “Operating
Voltage” discussion.


Similar Part No. - OPA137

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA137 BURR-BROWN-OPA137 Datasheet
198Kb / 9P
   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA137 TI1-OPA137 Datasheet
787Kb / 15P
[Old version datasheet]   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA137 TI1-OPA137 Datasheet
784Kb / 15P
[Old version datasheet]   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA137N BURR-BROWN-OPA137N Datasheet
198Kb / 9P
   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA137N-250 TI1-OPA137N-250 Datasheet
787Kb / 15P
[Old version datasheet]   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results

Similar Description - OPA137

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA137 TI1-OPA137 Datasheet
784Kb / 15P
[Old version datasheet]   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA4137 BURR-BROWN-OPA4137 Datasheet
198Kb / 9P
   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA137N-250 TI1-OPA137N-250 Datasheet
787Kb / 15P
[Old version datasheet]   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Burr-Brown (TI)
OPA342 BURR-BROWN-OPA342 Datasheet
234Kb / 10P
   Low Cost, Low Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA342 BURR-BROWN-OPA342_06 Datasheet
322Kb / 13P
   Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Analog Devices
ADTL082 AD-ADTL082_07 Datasheet
298Kb / 12P
   Low Cost JFET Input Operational Amplifiers
REV. B
ADTL082ARMZ AD-ADTL082ARMZ Datasheet
299Kb / 12P
   Low Cost JFET Input Operational Amplifiers
REV. B
ADTL082 AD-ADTL082 Datasheet
184Kb / 6P
   Low Cost JFET Input Operational Amplifiers
Rev. PrA
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com