Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPY100SM Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # MPY100SM
Description  MULTIPLIER-DIVIDER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

MPY100SM Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button MPY100SM Datasheet HTML 4Page - Burr-Brown (TI) MPY100SM Datasheet HTML 5Page - Burr-Brown (TI) MPY100SM Datasheet HTML 6Page - Burr-Brown (TI) MPY100SM Datasheet HTML 7Page - Burr-Brown (TI) MPY100SM Datasheet HTML 8Page - Burr-Brown (TI) MPY100SM Datasheet HTML 9Page - Burr-Brown (TI) MPY100SM Datasheet HTML 10Page - Burr-Brown (TI) MPY100SM Datasheet HTML 11Page - Burr-Brown (TI) MPY100SM Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
®
MPY100
10
applied to the unused X-input (see Optional Trim Configu-
ration). To trim, apply a ramp of +100mV to +1V at 100Hz
to both X1 and Z1 if X2 is used for offset adjustment,
otherwise reverse the signal polarity and adjust the trim
voltage to minimize the variation in the output. An alterna-
tive to this procedure would be to use the Burr-Brown
DIV100, a precision log-antilog divider.
FIGURE 9. Squarer Connection.
SQUARING
MPY100
Y
2
Y
1
X
2
X
1
Z
1
Z
2
Out
V
O = ±10V, FS
(X
1 – X2)
2
V
O =
+ Z
2
10
Optional
Summing
Input, ±10V, FS
V
X
±10V, FS
MPY100
Y
2
Y
1
X
2
X
1
Z
1
Z
2
Out
V
O
1k
+0.2V
≤ V
1 ≤ +10V
V
1
V
2
9k
(V
2 – V1)
V
O =
100
V
1
1% per volt
SQUARE ROOT
Figure 10 shows the connection for taking the square root of
the voltage VZ. The diode prevents a latching condition
which could occur if the input momentarily changed polar-
ity. This latching condition is not a design flaw in the
MPY100, but occurs when a multiplier is connected in the
feedback loop of an operational amplifier to perform square
root functions.
The load resistance, RL, must be in the range of
10k
Ω ≤ R
L ≤ 1MΩ. This resistance must be in the circuit as
it provides the current necessary to operate the diode.
PERCENTAGE COMPUTATION
The circuit of Figure 11 has a sensitivity of 1V/% and is
capable of measuring 10% deviations. Wider deviation can
be measured by decreasing the ratio of R2/R1.
BRIDGE LINEARIZATION
The use of the MPY100 to linearize the output from a bridge
circuit makes the output VO independent of the bridge
supply voltage. See Figure 12.
TRUE RMS-TO-DC CONVERSION
The rms-to-DC conversion circuit of Figure 13 gives greater
accuracy and bandwidth but with less dynamic range than
most rms-to-DC converters.
SINE FUNCTION GENERATOR
The circuit in Figure 14 uses implicit feedback to implement
the following sine function approximation:
VO = (1.5715V1 – 0.004317V13)/(1 + 0.001398V12)
= 10 sin (9V1)
MORE CIRCUITS
The theory and procedures for developing virtually any
function generator or linearization circuit can be found in the
Burr-Brown/McGraw Hill book “FUNCTION CIRCUITS -
Design and Applications.”
MPY100
Y
2
Y
1
X
2
X
1
Z
1
Z
2
Out
V
O
V
O = +
10(Z
2 – Z1) +X2
(a) Circuit for positive V
Z.
Optional
Summing
Input,
±10V, FS
V
Z
R
L
+0.2V
≤ (Z
2 – Z1) ≤ +10V
MPY100
Y
2
Y
1
X
2
X
1
Z
1
Z
2
Out
V
O
V
O = –
10(Z
2 – Z1) +X2
(b) Circuit for negative V
Z.
Optional
Summing
Input,
±10V, FS
V
Z
R
L
+0.2V
≤ (Z
2 – Z1) ≤ +10V
FIGURE 10. Square Root Connection.
FIGURE 11. Percentage Computation.


Similar Part No. - MPY100SM

ManufacturerPart #DatasheetDescription
logo
RFE international
MPY103K250VAC150B RFE-MPY103K250VAC150B Datasheet
89Kb / 1P
   AC Y -CLASS FILM CAPACITORS MPY Series: Interference Suppressor Y2
More results

Similar Description - MPY100SM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
4213 BURR-BROWN-4213 Datasheet
559Kb / 9P
   MULTIPLIER-DIVIDER
logo
Analog Devices
AD734SQ AD-AD734SQ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
REV. E
logo
List of Unclassifed Man...
429A ETC1-429A Datasheet
60Kb / 1P
   Accurate, Wideband Multiplier, Divider, Square Rooter
logo
Analog Devices
AD539 AD-AD539_15 Datasheet
570Kb / 21P
   Wideband Dual-Channel Linear Multiplier/Divider
REV. B
AD734 AD-AD734 Datasheet
213Kb / 12P
   10 MHz, 4-Quadrant Multiplier/Divider
REV. C
AD539 AD-AD539 Datasheet
637Kb / 8P
   Wideband Dual-Channel Linear Multiplier/Divider
REV. A
AD734 AD-AD734_15 Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734ANZ AD-AD734ANZ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
logo
Intronics Power, Inc.
429 INTRONICS-429 Datasheet
162Kb / 1P
   Accurate, Wideband Multiplier, Divider, Square Rooter
logo
Zilog, Inc.
Z86193 ZILOG-Z86193 Datasheet
154Kb / 11P
   CMOS Z8 MICROCONTROLLER MULTIPLIER/DIVIDER/SEARCH/MERGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com