Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPY100SM Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # MPY100SM
Description  MULTIPLIER-DIVIDER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

MPY100SM Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button MPY100SM Datasheet HTML 4Page - Burr-Brown (TI) MPY100SM Datasheet HTML 5Page - Burr-Brown (TI) MPY100SM Datasheet HTML 6Page - Burr-Brown (TI) MPY100SM Datasheet HTML 7Page - Burr-Brown (TI) MPY100SM Datasheet HTML 8Page - Burr-Brown (TI) MPY100SM Datasheet HTML 9Page - Burr-Brown (TI) MPY100SM Datasheet HTML 10Page - Burr-Brown (TI) MPY100SM Datasheet HTML 11Page - Burr-Brown (TI) MPY100SM Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
®
MPY100
8
IX = VX/RX and IY = VY/RY
Analysis of Figure 4 shows the voltage VA to be:
VA = (2RL/I1)(IXIY)
Since IX and IY are linearly related to the input voltages VX
and VY, VA may also be written:
VA = KVXVY
where K is a scale factor. In the MPY100, K is chosen to be
0.1.
The addition of the Z input alters the voltage VA to:
VA = KVXVY – VZ
Therefore, the output of the MPY100 is:
VO = A[KVXVY – VZ]
where A is the open-loop gain of the output amplifier.
Writing this last equation in terms of the separate inputs to
the MPY100 gives
VO = A
– (Z1 – Z2)
the transfer function of the MPY100.
WIRING PRECAUTIONS
In order to prevent frequency instability due to lead induc-
tance of the power supply lines, each power supply should
be bypassed. This should be done by connecting a 10
µF
tantalum capacitor in parallel with a 1000pF ceramic capaci-
tor from the +VCC and –VCC pins of the MPY100 to the
power supply common. The connection of these capacitors
should be as close to the MPY100 as practical.
(X
1 – X2)(Y1 – Y2)
10
FIGURE 4. MPY100 Simplified Circuit Diagram.
Q
8
Q
7
+
R
X
2
21
1
R
X
2
V
X
X
2
–V
CC
Q
6
Q
5
+
R
Y
2
21
1
R
Y
2
V
Y
Q
10
Q
9
+
R
Z
2
21
1
R
Z
2
V
Z
Y
2
Z
2
R
CM
Q
2
Q
1
I
2
I
1
Q
4
Q
3
I
4
I
3
A
D
1
D
2
+V
CC
R
L
R
L
+
V
1
+
V
A
Y
1
X
1
Z
1
V
O
Out
CAPACITIVE LOADS
Stable operation is maintained with capacitive loads to
1000pF in all modes, except the square root mode for which
50pF is a safe upper limit. Higher capacitive loads can be
driven if a 100
Ω resistor is connected in series with the
MPY100’s output.
DEFINITIONS
TOTAL ERROR (Accuracy)
Total error is the actual departure of the multiplier output
voltage form the ideal product of its input voltages. It
includes the sum of the effects of input and output DC
offsets, gain error and nonlinearity.
OUTPUT OFFSET
Output offset is the output voltage when both inputs VX and
VY are 0V.
SCALE FACTOR ERROR
Scale factor error is the difference between the actual scale
factor and the ideal scale factor.
NONLINEARITY
Nonlinearity is the maximum deviation from a best
straightline (curve fitting on input-output graph) expressed
as a percent of peak-to-peak full scale output.
FEEDTHROUGH
Feedthrough is the signal at the output for any value of VX
or VY within the rated range, when the other input is zero.


Similar Part No. - MPY100SM

ManufacturerPart #DatasheetDescription
logo
RFE international
MPY103K250VAC150B RFE-MPY103K250VAC150B Datasheet
89Kb / 1P
   AC Y -CLASS FILM CAPACITORS MPY Series: Interference Suppressor Y2
More results

Similar Description - MPY100SM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
4213 BURR-BROWN-4213 Datasheet
559Kb / 9P
   MULTIPLIER-DIVIDER
logo
Analog Devices
AD734SQ AD-AD734SQ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
REV. E
logo
List of Unclassifed Man...
429A ETC1-429A Datasheet
60Kb / 1P
   Accurate, Wideband Multiplier, Divider, Square Rooter
logo
Analog Devices
AD539 AD-AD539_15 Datasheet
570Kb / 21P
   Wideband Dual-Channel Linear Multiplier/Divider
REV. B
AD734 AD-AD734 Datasheet
213Kb / 12P
   10 MHz, 4-Quadrant Multiplier/Divider
REV. C
AD539 AD-AD539 Datasheet
637Kb / 8P
   Wideband Dual-Channel Linear Multiplier/Divider
REV. A
AD734 AD-AD734_15 Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734ANZ AD-AD734ANZ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
logo
Intronics Power, Inc.
429 INTRONICS-429 Datasheet
162Kb / 1P
   Accurate, Wideband Multiplier, Divider, Square Rooter
logo
Zilog, Inc.
Z86193 ZILOG-Z86193 Datasheet
154Kb / 11P
   CMOS Z8 MICROCONTROLLER MULTIPLIER/DIVIDER/SEARCH/MERGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com