Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA129P Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA129P
Description  Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA129P Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA129P Datasheet HTML 1Page - Burr-Brown (TI) OPA129P Datasheet HTML 2Page - Burr-Brown (TI) OPA129P Datasheet HTML 3Page - Burr-Brown (TI) OPA129P Datasheet HTML 4Page - Burr-Brown (TI) OPA129P Datasheet HTML 5Page - Burr-Brown (TI) OPA129P Datasheet HTML 6Page - Burr-Brown (TI) OPA129P Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
®
OPA129
3
100
1
1M
10M
1k
10k
100k
10
POWER SUPPLY REJECTION vs FREQUENCY
Frequency (Hz)
140
120
100
80
60
40
20
0
+PSRR
–PSRR
OPEN-LOOP FREQUENCY RESPONSE
Frequency (Hz)
140
120
100
80
60
40
20
0
100
1
1M
10M
θ
45
90
135
180
Gain
1k
10k
100k
10
Phase
Margin
≈90°
Power Supply Voltage ......................................................................
±18V
Differential Input Voltage ............................................................ V– to V+
Input Voltage Range .................................................................... V– to V+
Storage Temperature Range ......................................... –40
°C to +125°C
Operating Temperature Range ..................................... –40
°C to +125°C
Lead Temperature (soldering, 10s; SOIC 3s) ............................... +300
°C
Output Short Circuit Duration(1) .................................................................. Continuous
Junction Temperature (TJ) ............................................................. +150°C
ABSOLUTE MAXIMUM RATINGS
NOTE: (1) Short circuit may be to power supply common at +25
°C ambient.
PACKAGE INFORMATION
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER(1)
OPA129P
8-pin Plastic DIP
006
OPA129PB
8-pin Plastic DIP
006
OPA129U
8-pin SOIC
182
OPA129UB
8-pin SOIC
182
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
CONNECTION DIAGRAM
ELECTROSTATIC
DISCHARGE SENSITIVITY
Any integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet
published specifications.
Top View
DIP/SOIC
TYPICAL PERFORMANCE CURVES
T
A = +25°C, +15VDC, unless otherwise noted.
1
2
3
4
8
7
6
5
Substrate
V+
Output
V–
NC
–In
+In
NC
OPA
NC: No internal connection.


Similar Part No. - OPA129P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA129P TI-OPA129P Datasheet
652Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
OPA129P TI-OPA129P Datasheet
643Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet PERATIONAL AMPLIFIER
OPA129P TI1-OPA129P Datasheet
661Kb / 15P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA129PB TI-OPA129PB Datasheet
652Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
OPA129PB TI-OPA129PB Datasheet
643Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet PERATIONAL AMPLIFIER
More results

Similar Description - OPA129P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA129UE4 TI-OPA129UE4 Datasheet
643Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet PERATIONAL AMPLIFIER
OPA129UBE4 TI-OPA129UBE4 Datasheet
652Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA121 BURR-BROWN-OPA121 Datasheet
91Kb / 6P
   Low Cost Precision Difet OPERATIONAL AMPLIFIER
OPA654 BURR-BROWN-OPA654 Datasheet
131Kb / 8P
   Wide Bandwidth, High Output Current Difet OPERATIONAL AMPLIFIER
OPA2111 BURR-BROWN-OPA2111 Datasheet
231Kb / 13P
   Dual Low Noise Precision Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-297 AD-OP-297 Datasheet
592Kb / 16P
   DUAL LOW BIAS CURRENT PRECISION OPERATIONAL AMPLIFIER
REV. B
OP297 AD-OP297_06 Datasheet
323Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
Rev. F
OP297 AD-OP297_03 Datasheet
266Kb / 12P
   Dual Low Bias Current Precision Operational Amplifier
REV. E
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com