Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA128SM Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA128SM
Description  Difet Electrometer-Grade OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA128SM Datasheet(HTML) 4 Page - Burr-Brown (TI)

  OPA128SM Datasheet HTML 1Page - Burr-Brown (TI) OPA128SM Datasheet HTML 2Page - Burr-Brown (TI) OPA128SM Datasheet HTML 3Page - Burr-Brown (TI) OPA128SM Datasheet HTML 4Page - Burr-Brown (TI) OPA128SM Datasheet HTML 5Page - Burr-Brown (TI) OPA128SM Datasheet HTML 6Page - Burr-Brown (TI) OPA128SM Datasheet HTML 7Page - Burr-Brown (TI) OPA128SM Datasheet HTML 8Page - Burr-Brown (TI) OPA128SM Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
®
4
OPA128
DICE INFORMATION
PAD
FUNCTION
1
Offset Trim
2
–In
3
+In
4–VCC
5
Offset Trim
6
Output
7+VCC
8
Substrate
NC
No Connection
Substrate Bias: Isolated, normally con-
nected to common.
MECHANICAL INFORMATION
MILS (0.001")
MILLIMETERS
Die Size
96 x 71
±5
2.44 x 1.80
±0.13
Die Thickness
20
±3
0.51
±0.08
Min. Pad Size
4 x 4
0.10 x 0.10
Backing
None
TYPICAL PERFORMANCE CURVES
At T
A = +25°C, ±15VDC, unless otherwise noted.
OPA128 DIE TOPOGRAPHY
COMMON-MODE REJECTION
vs INPUT COMMON-MODE VOLTAGE
–15
Common-Mode Voltage (V)
–10
–5
0
5
10
15
120
110
100
90
80
70
11k
10
100
10k
100k
1M
10M
Frequency (Hz)
0
20
40
60
80
100
120
140
COMMON-MODE REJECTION
vs FREQUENCY
11k
10
100
10k
100k
1M
10M
Frequency (Hz)
0
20
40
60
80
100
120
140
OPEN-LOOP FREQUENCY RESPONSE
–180
–135
–90
–45
Phase
Margin
90°
Ø
Gain
∼∼
11k
10
100
10k
100k
1M
10M
Frequency (Hz)
0
20
40
60
80
100
120
140
POWER SUPPLY REJECTION vs FREQUENCY
–PSRR
+PSRR


Similar Part No. - OPA128SM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA121 BURR-BROWN-OPA121 Datasheet
91Kb / 6P
   Low Cost Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA121 TI1-OPA121 Datasheet
639Kb / 15P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA121KM BURR-BROWN-OPA121KM Datasheet
91Kb / 6P
   Low Cost Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA121KM TI1-OPA121KM Datasheet
639Kb / 15P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA121KM3 TI1-OPA121KM3 Datasheet
639Kb / 15P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA128SM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD546 AD-AD546_15 Datasheet
457Kb / 12P
   1A Monolithic Electrometer Operational Amplifier
REV. A
logo
Burr-Brown (TI)
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
   Precision Dual Difet Operational Amplifier
OPA606 BURR-BROWN-OPA606 Datasheet
132Kb / 9P
   Wide-Bandwidth Difet OPERATIONAL AMPLIFIER
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
AD546 AD-AD546 Datasheet
455Kb / 12P
   1 pA Monolithic Electrometer Operational Amplifier
REV. A
logo
Burr-Brown (TI)
OPA121 BURR-BROWN-OPA121 Datasheet
91Kb / 6P
   Low Cost Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA671 BURR-BROWN-OPA671 Datasheet
165Kb / 7P
   Wide Bandwidth, Fast Settling Difet OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com